データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF901R データシート(PDF) 4 Page - NXP Semiconductors

部品番号 BF901R
部品情報  Silicon n-channel dual gate MOS-FETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF901R データシート(HTML) 4 Page - NXP Semiconductors

  BF901R Datasheet HTML 1Page - NXP Semiconductors BF901R Datasheet HTML 2Page - NXP Semiconductors BF901R Datasheet HTML 3Page - NXP Semiconductors BF901R Datasheet HTML 4Page - NXP Semiconductors BF901R Datasheet HTML 5Page - NXP Semiconductors BF901R Datasheet HTML 6Page - NXP Semiconductors BF901R Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
November 1992
4
Philips Semiconductors
Product specification
Silicon n-channel dual gate MOS-FETs
BF901; BF901R
STATIC CHARACTERISTICS
Tj = 25 °C.
DYNAMIC CHARACTERISTICS
Measuring conditions (common source): ID = 14 mA; VDS = 5 V; VG2-S = 4 V; Tamb = 25 °C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
±IG1-SS
gate 1 cut-off current
±VG1-S = 5 V; VG2-S = VDS = 0
50
nA
±I
G2-SS
gate 2 cut-off current
±VG2-S = 5 V; VG1-S = VDS = 0
50
nA
±V
(BR)G1-SS
gate 1-source breakdown voltage
±IG1-SS = 10 mA; VG2-S = VDS = 0
6
20
V
±V(BR)G2-SS
gate 2-source breakdown voltage
±IG2-SS = 10 mA; VG1-S = VDS = 0
6
20
V
VG1-S(th)
gate 1-source threshold voltage
ID = 20 µA; VDS = 8 V; VG2-S = 4 V
0
0.7
V
VG2-S(th)
gate 2-source threshold voltage
ID = 20 µA; VDS = 8 V; VG1-S = 0
0.3
1
V
IDSX
drain-source current
VDS = 4 V; VG1-S = 1.1 V; VG2-S = 3.4 V 2
18
mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
 Yfs
transfer admittance
pulsed; Tj = 25 °C
252835mS
Cig1-s
input capacitance at gate 1
f = 1 MHz
2.35
2.75
pF
Cig2-s
input capacitance at gate 2
f = 1 MHz
1.2
pF
Cos
output capacitance
f = 1 MHz
1.4
pF
Crs
feedback capacitance
f = 1 MHz
25
fF
F
noise figure
f = 200 MHz; Gs = 2 mS; Bs = Bsopt.
0.7
dB
f = 800 MHz; Gs = 3.3 mS; Bs = Bsopt.
1.7
dB


同様の部品番号 - BF901R

メーカー部品番号データシート部品情報
logo
CoolCox Limited All rig...
BF9020 COOLCOX-BF9020 Datasheet
365Kb / 1P
   DC Blower Fan 89x89x21.5mm
BF9020H12D COOLCOX-BF9020H12D Datasheet
365Kb / 1P
   DC Blower Fan 89x89x21.5mm
BF9020H12SH COOLCOX-BF9020H12SH Datasheet
365Kb / 1P
   DC Blower Fan 89x89x21.5mm
BF9020H24D COOLCOX-BF9020H24D Datasheet
365Kb / 1P
   DC Blower Fan 89x89x21.5mm
BF9020H24SH COOLCOX-BF9020H24SH Datasheet
365Kb / 1P
   DC Blower Fan 89x89x21.5mm
More results

同様の説明 - BF901R

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF998 PHILIPS-BF998 Datasheet
114Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
1996 Aug 01
logo
Quanzhou Jinmei Electro...
BF998_2015 JMNIC-BF998_2015 Datasheet
85Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com