データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT1641 データシート(PDF) 10 Page - Catalyst Semiconductor

部品番号 CAT1641
部品情報  Catalyst Semiconductor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CATALYST [Catalyst Semiconductor]
ホームページ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1641 データシート(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT1641 Datasheet HTML 6Page - Catalyst Semiconductor CAT1641 Datasheet HTML 7Page - Catalyst Semiconductor CAT1641 Datasheet HTML 8Page - Catalyst Semiconductor CAT1641 Datasheet HTML 9Page - Catalyst Semiconductor CAT1641 Datasheet HTML 10Page - Catalyst Semiconductor CAT1641 Datasheet HTML 11Page - Catalyst Semiconductor CAT1641 Datasheet HTML 12Page - Catalyst Semiconductor CAT1641 Datasheet HTML 13Page - Catalyst Semiconductor CAT1641 Datasheet HTML 14Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Visit our website for samples, data sheets, and additional product information.
8
ALO
GENFR
TM
LEAD FREE
PRODUCT LIST
DC-DC CONVERTERs
Part
Number
Operating
Modes
Input
Voltage
Ground
Current
Output
Current
Switching
Frequency
Output
Impedence
Internal
Regulation
Packages (Pin Count)1
DIP
(P,L,GL)
MSOP
(R,Z,GZ)
SOIC
(S,V,GV)
TSOT23
(TS,TD,GTD)
TDFN
(RD8,ZD8,GD8)
(4 x 4 mm)
CAT3200
2xVIN
2.7-4.5V
1.6mA
100mA
2MHz
10
Ω
Yes
8
CAT3200-5
2xVIN
2.7-4.5V
1.6mA
100mA
2MHz
10
Ω
Yes
6
CAT660
2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 10/80kHz
4
Ω
No
8
8
8
CAT661
2xVIN , -1xVIN 1.5-5.5V 0.3mA 100mA 25/135kHz
4
Ω
No
8
8
8
APPLICATION LITERATURE / EVALUATION AND DEMONSTRATION BOARDS
Document
Number
Title
AN15
CAT3200DB1 Board Hardware for the CAT3200 DC-DC Converter
AN18
CAT660EVAL1 Evaluation Board for the CAT660 Charge Pump Voltage Converter
PRODUCT LIST
LOW VOLTAGE SHUNT REGULATORs
Part
Number
Reference
Voltage (V)
Reference
Voltage Across Temp2
Initial Accuracy
Packages (Pin Count)1
Min
Max
SOT23
(TP,TB,GTB)
TO-92
(TN,TL,GTL)
CAT102
0.6
0.588
0.612
+1%
5
CAT431L
1.24
1.228
1.252
+0.5%
3,5
3
d c - d c c o n v e r t e r s / s h u n t r e g u l a t o r s
Notes:
1. Available in standard and“green”packages.
2. Operating temp range of -40˚C to +85˚C with junction temperatures from -40˚C to +105˚C.
All product documentation can be found on the Catalyst Semiconductor web site at www.catsemi.com.


同様の部品番号 - CAT1641

メーカー部品番号データシート部品情報
logo
Catalyst Semiconductor
CAT1641 CATALYST-CAT1641 Datasheet
144Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
logo
ON Semiconductor
CAT1641 ONSEMI-CAT1641 Datasheet
802Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
Doc. No. MD-3012, Rev. D
logo
Catalyst Semiconductor
CAT1641JI-25SOIC CATALYST-CAT1641JI-25SOIC Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1641JI-25TDFN CATALYST-CAT1641JI-25TDFN Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
CAT1641JI-25TE13 CATALYST-CAT1641JI-25TE13 Datasheet
125Kb / 18P
   Supervisory Circuits with I2C Serial 64K CMOS EEPROM
More results

同様の説明 - CAT1641

メーカー部品番号データシート部品情報
logo
Cisco Systems, Inc.
9200 CISCO-9200 Datasheet
1Mb / 54P
   Cisco Catalyst 9200 Series Switches
2023
9500 CISCO-9500 Datasheet
1Mb / 52P
   Cisco Catalyst 9500 Series Switches
2023
9300 CISCO-9300 Datasheet
3Mb / 74P
   Cisco Catalyst 9300 Series Switches
2023
9400 CISCO-9400 Datasheet
583Kb / 22P
   Cisco Catalyst 9400 Series Switch
2023
9800-80 CISCO-9800-80 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
9130AX CISCO-9130AX Datasheet
1Mb / 17P
   Cisco Catalyst 9130AX Series Access Points
2023
9124AX CISCO-9124AX Datasheet
2Mb / 23P
   Cisco Catalyst 9124AX Series Access Points
2023
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com