データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF998 データシート(PDF) 11 Page - NXP Semiconductors

部品番号 BF998
部品情報  Silicon N-channel dual-gate MOS-FETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF998 データシート(HTML) 11 Page - NXP Semiconductors

Back Button BF998 Datasheet HTML 4Page - NXP Semiconductors BF998 Datasheet HTML 5Page - NXP Semiconductors BF998 Datasheet HTML 6Page - NXP Semiconductors BF998 Datasheet HTML 7Page - NXP Semiconductors BF998 Datasheet HTML 8Page - NXP Semiconductors BF998 Datasheet HTML 9Page - NXP Semiconductors BF998 Datasheet HTML 10Page - NXP Semiconductors BF998 Datasheet HTML 11Page - NXP Semiconductors BF998 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
1996 Aug 01
11
Philips Semiconductors
Product specification
Silicon N-channel dual-gate MOS-FETs
BF998; BF998R
PACKAGE OUTLINES
Fig.21 SOT143.
Dimensions in mm.
handbook, full pagewidth
MBC845
10
max
o
10
max
o
30
max
o
1.1
max
0.75
0.60
0.150
0.090
0.1
max
43
2
M
0.1
AB
0
0.1
0.48
TOP VIEW
1.4
1.2
2.5
max
3.0
2.8
M
0.2
AB
A
B
1.9
1
0
0.1
0.88
1.7
handbook, full pagewidth
MBC844
10
max
o
10
max
o
30
max
o
1.1
max
0.40
0.25
0.150
0.090
0.1
max
34
2
1.4
1.2
2.5
max
3.0
2.8
A
B
1.9
M
0.2
A
1
M
0.1
B
TOP VIEW
0.48
0.38
0.88
0.78
1.7
Dimensions in mm.
Fig.22 SOT143R.


同様の部品番号 - BF998

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
logo
Siemens Semiconductor G...
BF998 SIEMENS-BF998 Datasheet
180Kb / 8P
   Silicon N Channel MOSFET Tetrode (Short-channel transistor with high S/C quality factor For low-noise, gain-controlled input stages up to 1 GHz)
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
logo
Vishay Siliconix
BF998 VISHAY-BF998 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
logo
Infineon Technologies A...
BF998 INFINEON-BF998 Datasheet
93Kb / 9P
   Silicon N_Channel MOSFET Tetrode
2007-04-20
More results

同様の説明 - BF998

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF901 PHILIPS-BF901 Datasheet
46Kb / 7P
   Silicon n-channel dual gate MOS-FETs
November 1992
logo
Quanzhou Jinmei Electro...
BF998_2015 JMNIC-BF998_2015 Datasheet
85Kb / 12P
   Silicon N-channel dual-gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
   N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 NXP-BF904 Datasheet
303Kb / 14P
   N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
   N-channel dual-gate MOS-FETs
1999 May 14
logo
Quanzhou Jinmei Electro...
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
   N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
   N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
   N-channel dual gate MOS-FETs
1999 May 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com