データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8202YR データシート(PDF) 6 Page - Analog Devices

部品番号 AD8202YR
部品情報  High Common-Mode Voltage, Single-Supply Difference Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8202YR データシート(HTML) 6 Page - Analog Devices

Back Button AD8202YR Datasheet HTML 2Page - Analog Devices AD8202YR Datasheet HTML 3Page - Analog Devices AD8202YR Datasheet HTML 4Page - Analog Devices AD8202YR Datasheet HTML 5Page - Analog Devices AD8202YR Datasheet HTML 6Page - Analog Devices AD8202YR Datasheet HTML 7Page - Analog Devices AD8202YR Datasheet HTML 8Page - Analog Devices AD8202YR Datasheet HTML 9Page - Analog Devices AD8202YR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8202
Rev. A | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = 5 V, VCM = 0 V, RL = 10 kΩ, unless otherwise noted.
FREQUENCY (Hz)
90
70
80
50
60
40
10
20
30
0
10
100
1k
10k
100k
Figure 6. Power Supply Rejection Ratio vs. Frequency
FREQUENCY (Hz)
30
25
20
15
5
10
0
100
1k
10k
100k
1M
Figure 7. AD8202 Bandwidth
FREQUENCY (Hz)
100
95
90
85
75
80
70
10
100
1k
10k
100k
Figure 8. Common-Mode Rejection Ratio vs. Frequency
POWER SUPPLY (V)
0
–5
–10
–15
–20
–25
–30
–35
34
5
6
7
8
9
10
11
12
13
–55
°C
–40
°C
+25
°C
+125
°C
+150
°C
Figure 9. Negative Common-Mode Voltage vs. Voltage Supply
POWER SUPPLY (V)
40
35
25
30
20
5
10
15
0
36
5
48
710
911
12
13
–40
°C
–55
°C
+25
°C
+125
°C
+150
°C
Figure 10. Positive Common-Mode Voltage vs. Voltage Supply
LOAD RESISTANCE (
Ω)
5.0
4.0
4.5
3.5
3.0
2.5
0.5
1.0
1.5
2.0
0
10
100
1k
10k
Figure 11. Output Swing vs. Load Resistance


同様の部品番号 - AD8202YR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8202YR AD-AD8202YR Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202YR-REEL AD-AD8202YR-REEL Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202YR-REEL7 AD-AD8202YR-REEL7 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202YRMZ AD-AD8202YRMZ Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202YRMZ-R7 AD-AD8202YRMZ-R7 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
More results

同様の説明 - AD8202YR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8200 AD-AD8200 Datasheet
186Kb / 8P
   High Common-Mode Voltage, Single Supply Difference Amplifier
REV. 0
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com