データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM27222 データシート(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
部品番号 LM27222
部品情報  High-Speed 4.5A Synchronous MOSFET Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27222 データシート(HTML) 6 Page - National Semiconductor (TI)

Back Button LM27222 Datasheet HTML 2Page - National Semiconductor (TI) LM27222 Datasheet HTML 3Page - National Semiconductor (TI) LM27222 Datasheet HTML 4Page - National Semiconductor (TI) LM27222 Datasheet HTML 5Page - National Semiconductor (TI) LM27222 Datasheet HTML 6Page - National Semiconductor (TI) LM27222 Datasheet HTML 7Page - National Semiconductor (TI) LM27222 Datasheet HTML 8Page - National Semiconductor (TI) LM27222 Datasheet HTML 9Page - National Semiconductor (TI) LM27222 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Typical Waveforms
The typical waveforms are from a circuit similar to Figure 1 with:
Q1: 2 x Si7390DP
Q2: 2 x Si7356DP
L1: 0.4 µH
V
IN: 12V
20117907
FIGURE 2. PWM Low-to-High Transition at IN Input
20117908
FIGURE 3. PWM High-to-Low Transition at IN Input
20117909
FIGURE 4. LEN Operation
www.national.com
6


同様の部品番号 - LM27222

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM27222 TI-LM27222 Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
LM27222M TI-LM27222M Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
LM27222M/NOPB TI-LM27222M/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
LM27222MX/NOPB TI-LM27222MX/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
LM27222SD TI-LM27222SD Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

同様の説明 - LM27222

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM27222 TI-LM27222_15 Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com