データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCF5213 データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MCF5213
部品情報  Microcontroller Family Hardware Specification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5213 データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5213 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5213 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MCF5213 Microcontroller Family Hardware Specification, Rev. 1.2
Preliminary
MCF5213 Family Configurations
Freescale Semiconductor
4
Figure 1. MCF5213 Block Diagram
1.2
Features
The MCF5213 family includes the following features:
Version 2 ColdFire variable-length RISC processor core
— Static operation
— 32-bit address and data paths on-chip
— Up to 80 MHz processor core frequency
Arbiter
Interrupt
Controller
UART
0
QSPI
UART
1
UART
2
I2C
DTIM
0
DTIM
1
DTIM
2
DTIM
3
V2 ColdFire CPU
IFP
OEP
MAC
4 CH DMA
MUX
JTAG
TAP
To/From PADI
32 Kbytes
SRAM
(4Kx16)x4
256 Kbytes
Flash
(32Kx16)x4
PORTS
(GPIO)
CIM
RSTI
RSTO
UnTXD
UnRXD
UnRTS
DTINn/DTOUTn
CANRX
JTAG_EN
ADC
AN[7:0]
VRH VRL
PLL OCO
CLKGEN
Edge
Port
FlexCAN
EXTAL
XTAL
CLKOUT
PIT0
PIT1
GPT
PWM
To/From Interrupt Controller
CANTX
UnCTS
PMM
VSTBY
EzPort
EzPCS
CLKMOD0 CLKMOD1
QSPI_SCK,
QSPI_PCSn
PWMn
QSPI_DIN,
QSPI_DOUT
GPTn
EzPCK
EzPD
EzPQ
SWT


同様の部品番号 - MCF5213

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5213 FREESCALE-MCF5213 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
MCF5213CAF66 FREESCALE-MCF5213CAF66 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF5213CAF66 FREESCALE-MCF5213CAF66 Datasheet
1Mb / 54P
   MCF5213 ColdFire Microcontroller
More results

同様の説明 - MCF5213

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
logo
Motorola, Inc
MAC7100 MOTOROLA-MAC7100 Datasheet
1Mb / 48P
   MAC7100 Microcontroller Family Hardware Specifications
logo
Freescale Semiconductor...
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Hardware Specification
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com