データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7189B データシート(PDF) 6 Page - Analog Devices

部品番号 ADV7189B
部品情報  Multiformat SDTV Video Decoder
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7189B データシート(HTML) 6 Page - Analog Devices

Back Button ADV7189B Datasheet HTML 2Page - Analog Devices ADV7189B Datasheet HTML 3Page - Analog Devices ADV7189B Datasheet HTML 4Page - Analog Devices ADV7189B Datasheet HTML 5Page - Analog Devices ADV7189B Datasheet HTML 6Page - Analog Devices ADV7189B Datasheet HTML 7Page - Analog Devices ADV7189B Datasheet HTML 8Page - Analog Devices ADV7189B Datasheet HTML 9Page - Analog Devices ADV7189B Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 104 page
background image
ADV7189B
Rev. B | Page 6 of 104
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
At AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.65 V to 2.0 V, operating temperature range,
unless otherwise specified.
Table 1.
Parameter
0F
1,
1F
2
Symbol
Test Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each ADC)
N
12
Bits
Integral Nonlinearity
INL
BSL at 54 MHz
–1.5/+2.5
±8
LSB
Differential Nonlinearity
DNL
BSL at 54 MHz
–0.7/+0.7
–0.95/+2
LSB
DIGITAL INPUTS
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
0.8
V
Input Current
2F
3
IIN
–50
+50
μA
All other pins
–10
+10
μA
Input Capacitance
CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage
VOH
ISOURCE = 0.4 mA
2.4
V
Output Low Voltage
VOL
ISINK = 3.2 mA
0.4
V
High Impedance Leakage Current
3F
4
ILEAK
50
μA
All other pins
10
μA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS
4F
5
Digital Core Power Supply
DVDD
1.65
1.8
2
V
Digital I/O Power Supply
DVDDIO
3.0
3.3
3.6
V
PLL Power Supply
PVDD
1.65
1.8
2.0
V
Analog Power Supply
AVDD
3.15
3.3
3.45
V
Digital Core Supply Current
IDVDD
82
mA
Digital I/O Supply Current
IDVDDIO
2
mA
PLL Supply Current
IPVDD
10.5
mA
Analog Supply Current
IAVDD
CVBS input
5F
6
85
mA
YPrPb input
6F
7
180
mA
Power-Down Current
IPWRDN
1.5
mA
Power-Up Time
tPWRUP
20
ms
1 Temperature range: TMIN to TMAX, –40°C to +85°C. (0°C to 70°C for ADV7189BKSTZ)
2 The min/max specifications are guaranteed over this range.
3 Pin 36 and Pin 79.
4 Pin 1, Pin 2, Pin 5 to Pin 8, Pin 12, Pin 17 to Pin 24, Pin 32 to Pin 35, Pin 73 to Pin 76, and Pin 80.
5 Guaranteed by characterization.
6 ADC1 powered on.
7 All three ADCs powered on.


同様の部品番号 - ADV7189B

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7189B AD-ADV7189B Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189B AD-ADV7189B Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BBSTZ268H2 AD-ADV7189BBSTZ268H2 Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BKSTZ AD-ADV7189BKSTZ Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7189BKSTZ10F2 AD-ADV7189BKSTZ10F2 Datasheet
783Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results

同様の説明 - ADV7189B

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189 AD-ADV7189_15 Datasheet
3Mb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7189 AD-ADV7189 Datasheet
890Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183A AD-ADV7183A Datasheet
894Kb / 104P
   Multiformat SDTV Video Decoder
REV. A
ADV7183B AD-ADV7183B Datasheet
911Kb / 100P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com