データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL59530 データシート(PDF) 4 Page - Intersil Corporation

部品番号 ISL59530
部品情報  16x16 Video Crosspoint
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59530 データシート(HTML) 4 Page - Intersil Corporation

  ISL59530 Datasheet HTML 1Page - Intersil Corporation ISL59530 Datasheet HTML 2Page - Intersil Corporation ISL59530 Datasheet HTML 3Page - Intersil Corporation ISL59530 Datasheet HTML 4Page - Intersil Corporation ISL59530 Datasheet HTML 5Page - Intersil Corporation ISL59530 Datasheet HTML 6Page - Intersil Corporation ISL59530 Datasheet HTML 7Page - Intersil Corporation ISL59530 Datasheet HTML 8Page - Intersil Corporation ISL59530 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
FN6220.1
June 12, 2006
Pin Descriptions
NAME
NUMBER
DESCRIPTION
IN0
Y8
Crosspoint Video Input
IN1
Y6
Crosspoint Video Input
IN2
Y4
Crosspoint Video Input
IN3
Y2
Crosspoint Video Input
IN4
V1
Crosspoint Video Input
IN5
T1
Crosspoint Video Input
IN6
P1
Crosspoint Video Input
IN7
M1
Crosspoint Video Input
IN8
K1
Crosspoint Video Input
IN9
H1
Crosspoint Video Input
IN10
F1
Crosspoint Video Input
IN11
D1
Crosspoint Video Input
IN12
A1
Crosspoint Video Input
IN13
A3
Crosspoint Video Input
IN14
A5
Crosspoint Video Input
IN15
A7
Crosspoint Video Input
OUT0
Y10
Crosspoint Video Output
OUT1
Y12
Crosspoint Video Output
OUT2
W14
Crosspoint Video Output
OUT3
W16
Crosspoint Video Output
OUT4
V20
Crosspoint Video Output
OUT5
T20
Crosspoint Video Output
OUT6
P19
Crosspoint Video Output
OUT7
M19
Crosspoint Video Output
OUT8
K20
Crosspoint Video Output
OUT9
H20
Crosspoint Video Output
OUT10
F19
Crosspoint Video Output
OUT11
D19
Crosspoint Video Output
OUT12
A17
Crosspoint Video Output
OUT13
A15
Crosspoint Video Output
OUT14
B13
Crosspoint Video Output
OUT15
B11
Crosspoint Video Output
OVER0
W10
Overlay Logic Control (with pulldown)
OVER1
W12
Overlay Logic Control (with pulldown)
OVER2
Y14
Overlay Logic Control (with pulldown)
OVER3
Y16
Overlay Logic Control (with pulldown)
OVER4
V19
Overlay Logic Control (with pulldown)
OVER5
T19
Overlay Logic Control (with pulldown)
OVER6
P20
Overlay Logic Control (with pulldown)
OVER7
M20
Overlay Logic Control (with pulldown)
OVER8
K19
Overlay Logic Control (with pulldown)
OVER9
H19
Overlay Logic Control (with pulldown)
OVER10
F20
Overlay Logic Control (with pulldown)
OVER11
D20
Overlay Logic Control (with pulldown)
OVER12
B17
Overlay Logic Control (with pulldown)
OVER13
B15
Overlay Logic Control (with pulldown)
OVER14
A13
Overlay Logic Control (with pulldown)
OVER15
A11
Overlay Logic Control (with pulldown)
VOVER0
V10
Overlay Video Input
VOVER1
V12
Overlay Video Input
VOVER2
V14
Overlay Video Input
VOVER3
V16
Overlay Video Input
VOVER4
V18
Overlay Video Input
VOVER5
T18
Overlay Video Input
VOVER6
P18
Overlay Video Input
VOVER7
M18
Overlay Video Input
VOVER8
K18
Overlay Video Input
VOVER9
H18
Overlay Video Input
VOVER10
F18
Overlay Video Input
VOVER11
D18
Overlay Video Input
VOVER12
C17
Overlay Video Input
VOVER13
C15
Overlay Video Input
VOVER14
C13
Overlay Video Input
VOVER15
C11
Overlay Video Input
VREF
M3
DC-restore clamp reference input.
In an AC-coupled configuration
(DC-Restore clamp enabled), the sync
tip of composite video inputs will be
restored to this level. Set to 0.3 to 0.7V
for optimum performance.
In an DC-coupled configuration
(DC-Restore clamp disabled), this pin
should be tied to ground.
Never let the VREF pin float! A float-
ing VREF pin drifts high (and if the
clamp function is enabled) will cause all
of the outputs to simultaneously try to
drive ~4V DC into their 150
loads.
SLATCH
J3
Serial Latch. Serial data is latched into
ISL59530 on rising edge of SLATCH.
Pin Descriptions (Continued)
NAME
NUMBER
DESCRIPTION
ISL59530


同様の部品番号 - ISL59530

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530IKZ INTERSIL-ISL59530IKZ Datasheet
1Mb / 22P
   16x16 Video Crosspoint
More results

同様の説明 - ISL59530

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL59530_0708 INTERSIL-ISL59530_0708 Datasheet
1Mb / 25P
   16x16 Video Crosspoint
logo
Renesas Technology Corp
ISL59530 RENESAS-ISL59530 Datasheet
1Mb / 26P
   16x16 Video Crosspoint
logo
Intersil Corporation
ISL59530 INTERSIL-ISL59530_11 Datasheet
2Mb / 26P
   16x16 Video Crosspoint
ISL59530 INTERSIL-ISL59530_07 Datasheet
1Mb / 22P
   16x16 Video Crosspoint
logo
Analog Devices
AD8116 AD-AD8116_16 Datasheet
210Kb / 16P
   16x16 Buffered Video Crosspoint Switch
logo
Intersil Corporation
ISL59531 INTERSIL-ISL59531 Datasheet
1Mb / 21P
   16x16 Video Crosspoint with Differential Inputs
logo
Analog Devices
AD8114 AD-AD8114_16 Datasheet
403Kb / 25P
   16x16 Crosspoint Switches
logo
Maxim Integrated Produc...
MAX4355 MAXIM-MAX4355 Datasheet
730Kb / 40P
   16x16 Nonblocking Video Crosspoint Switch with I/O Buffers
Rev 0; 10/01
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Vitesse Semiconductor C...
VSC880 VITESSE-VSC880 Datasheet
381Kb / 28P
   High Performance 16x16 Serial Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com