データシートサーチシステム |
|
CD16RL1CBR データシート(PDF) 4 Page - ITT Industries |
|
CD16RL1CBR データシート(HTML) 4 Page - ITT Industries |
4 / 4 page Dimensions are shown: Inch (mm ) Specifications and dimensions subject to change www.ittcannon.com I-31 I C&K CD Series 8mm DIP Coded Rotary Switches TERMINATIONS C PC THRU-HOLE A RIGHT ANGLE, PC THRU-HOLE S SURFACE MOUNT .200 (5,08) .100 TYP. (2,54) Ø.032 (0,81) TYP. .050. (1,27) .200 (5,08) .100 (2,54) .020 TYP. (0,51) .010 (0,25) .183 (4,64) TYP. .025 (0,64) .025 (0,64) .132 (3,34) .025 TYP. (0,64) STAND-OFF .315 (8,00) .330 (8,36) .315 (8,00) .099 (2,52) 1C 4 .200 (5,08) 8 1 3 2 1 C 4 8 C 2 8 C 2 1 C 4 F 1 0 1 C 4 8 C 2 .300 (7,62) .032 TYP. (0.81) .100 TYP. (2,54) .315 (8,00) .200 (5.08) .100 (2,54) .168 (4,27) .305 (7,75) .010 TYP (0,25) .125 TYP (3,18) .025 TYP (0,64) .020 TYP (0,51) .020 TYP. (0,51) .010 THK. (0,25) .040 TYP. (1,02) .315 (8,00) .315 (8,00) .200 (5,08) .390 (9,90) .174 (4,41) .006 (0,15) .100 (2,54) 8 C 2 1 C 4 .200 (5,08) .100 TYP. (2,54) .080 (2,03) .050 (1,27) TYP. .430 (10,92) 0 9 1 1 C 4 8 C 2 CONTACT MATERIAL For part number CDxxMOSK Reel Information Outside diameter 13.00 (333,0) Pilot hole .512 (13,0) TAPE & REEL OPTION CODE CONTACT MATERIAL TERMINAL PLATING RATING RoHS COMPLIANT* RoHS COMPATIBLE* K 0.4 VC MAX. @ 20 V AC or DC MAX. GOLD TIN-LEAD NO YES GOLD GOLD B 0.4 VC MAX. @ 20 V AC or DC MAX. YES YES LOW LEVEL/DRY CIRCUIT LOW LEVEL/DRY CIRCUIT * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. |
同様の部品番号 - CD16RL1CBR |
|
同様の説明 - CD16RL1CBR |