データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV320MT120REI データシート(PDF) 10 Page - Advanced Micro Devices

部品番号 AM29LV320MT120REI
部品情報  32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320MT120REI データシート(HTML) 10 Page - Advanced Micro Devices

Back Button AM29LV320MT120REI Datasheet HTML 6Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 7Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 8Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 9Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 10Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 11Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 12Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 13Page - Advanced Micro Devices AM29LV320MT120REI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
10
Am29LV320MT/B
May 16, 2003
DA T A SH EET
DEVICE BUS OPERATIONS
This section describes the requirements and use of
the device bus operations, which are initiated through
the internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is a latch used to store the com-
mands, along with the address and data information
needed to execute the command. The contents of the
register serve as inputs to the internal state machine.
The state machine outputs dictate the function of the
device. Table 1 lists the device bus operations, the in-
puts and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1.
Device Bus Operations
Legend: L = Logic Low = V
IL, H = Logic High = VIH, VID = 11.5–12.5 V, VHH = 11.5–12.5 V, X = Don’t Care, SA = Sector Address,
A
IN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A20:A0 in word mode; A20:A-1 in byte mode. Sector addresses are A20:A12 in both modes.
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector Group
Protection and Unprotection” section.
3. If WP# = V
IL, the first or last sector remains protected. If WP# = VIH, the top two or bottom two sectors will be protected or
unprotected as determined by the method described in “Sector Group Protection and Unprotection”. All sectors are unprotected
when shipped from the factory (The SecSi Sector may be factory protected depending on version ordered.)
4. D
IN or DOUT as required by command sequence, data polling, or sector protect algorithm (see Figure 2).
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins operate in the byte or word configuration. If the
BYTE# pin is set at logic ‘1’, the device is in word con-
figuration, DQ0–DQ15 are active and controlled by
CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are
active and controlled by CE# and OE#. The data I/O
pins DQ8–DQ14 are tri-stated, and the DQ15 pin is
used as an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to V
IL. CE# is the power
control and selects the device. OE# is the output con-
trol and gates array data to the output pins. WE#
should remain at V
IH.
Operation
CE#
OE#
WE#
RESET#
WP#
ACC
Addresses
(Note 2)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= V
IH
BYTE#
= V
IL
Read
L
L
H
H
XX
AIN
D
OUT
D
OUT
DQ8–DQ14
= High-Z,
DQ15 = A-1
Write (Program/Erase)
L
H
L
H
(Note 3)
X
AIN
(Note 4) (Note 4)
Accelerated Program
L
H
L
H
(Note 3)
V
HH
AIN
(Note 4) (Note 4)
Standby
VCC ±
0.3 V
XX
VCC ±
0.3 V
XH
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
XX
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
XX
X
High-Z
High-Z
High-Z
Sector Group Protect
(Note 2)
LH
L
VID
HX
SA, A6 =L,
A3=L, A2=L,
A1=H, A0=L
(Note 4)
X
X
Sector Group Unprotect
(Note 2)
LH
L
VID
HX
SA, A6=H,
A3=L, A2=L,
A1=H, A0=L
(Note 4)
X
X
Temporary Sector Group
Unprotect
XX
X
VID
HX
AIN
(Note 4) (Note 4)
High-Z


同様の部品番号 - AM29LV320MT120REI

メーカー部品番号データシート部品情報
logo
SPANSION
AM29LV320MT120REI SPANSION-AM29LV320MT120REI Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
More results

同様の説明 - AM29LV320MT120REI

メーカー部品番号データシート部品情報
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160M AMD-AM29LV160M Datasheet
1Mb / 60P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
AM29LV640MT AMD-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
AM29LV160M AMD-AM29LV160M_07 Datasheet
1Mb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) MirrorBit TM 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV640MT SPANSION-AM29LV640MT Datasheet
1Mb / 66P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit-TM 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320D AMD-AM29LV320D Datasheet
1Mb / 57P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
S29AL016M SPANSION-S29AL016M_06 Datasheet
1Mb / 62P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) 3.0 Volt-only Boot Sector Flash Memory Featuring MirrorBit??Technology
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com