データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMR3013P データシート(PDF) 2 Page - MultiDimension Technology Co.,Ltd.

部品番号 AMR3013P
部品情報  AMR3013P AMR Angle Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MULTIDIMENSION [MultiDimension Technology Co.,Ltd.]
ホームページ  http://www.dowaytech.com/en/
Logo MULTIDIMENSION - MultiDimension Technology Co.,Ltd.

AMR3013P データシート(HTML) 2 Page - MultiDimension Technology Co.,Ltd.

  AMR3013P Datasheet HTML 1Page - MultiDimension Technology Co.,Ltd. AMR3013P Datasheet HTML 2Page - MultiDimension Technology Co.,Ltd. AMR3013P Datasheet HTML 3Page - MultiDimension Technology Co.,Ltd. AMR3013P Datasheet HTML 4Page - MultiDimension Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMRAngle Sensor
AMR3013P
MultiDimension Technology Co., Ltd.
Page 2 of 4
Web: www.dowaytech.com/en, Email: info@dowaytech.com
MDT AMR3013P
No.7 Guangdong Road, Zhangjiagang Free Trade Zone, Jiangsu, 215634, P.R. China
Ver. 1.2
Pin Out
1
2
3
4
8
7
6
5
Absolute Maximum Ratings
Parameter
Symbol
Notes
Limit
Unit
Supply Voltage
VCC
TJ=25℃
18
V
Storage Temperature
Tstg
-
-40~150
Specification (Differential Output)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
Operating
-
5
18
V
Resistance of Single Bridge
Rbridge
TJ=25℃, H=0 Oe
-
4200
-
Ohm
TC of Resistance
TCR
TJ=-40℃~125℃
-
0.27
-
%/℃
Offset Voltage
Voffset
TJ=25℃
-2
-
2
mV/V
TC of Offset Voltage
TCO
TJ=-40℃~125℃
-
4
-
μV/V/℃
Peak Voltage
Vpeak
TJ=25℃
-
13
-
mV/V
TC of Peak Voltage
TCVpeak
TJ=-40℃~125℃
-
-0.425
-
%/℃
Angular Inaccuracy
Δα
0~180, TJ=25℃
H=200 Oe
-
+/-0.1
-
º
Operating Temperature
TA
Operating
-40
-
125
Amplitude Synchronism
k
0~180, TJ=25℃
H=200 Oe
-
99.8
-
%
Notes:
(1)
1 Oe (Oersted) = 1 Gauss in air = 0.1 millitesla = 79.8 A/m.
(2)
Offset voltage=(Vo(max)-Vo(min))/2
(3)
Peak voltage=|Vo(max)-offset|, Periodicity of Vpeask: sin(2ɑ) and cos(2ɑ), respectively.
Pin No.
Pin Name
Pin Function
1
X-
Analog Differential Output2(direction X)
2
Y-
Analog Differential Output2(direction Y)
3
VccY
Supply Voltage(direction Y)
4
VccX
Supply Voltage(direction X)
5
X+
Analog Differential Output1(direction X)
6
Y+
Analog Differential Output1(direction Y)
7
GNDY
Ground(direction Y)
8
GNDX
Ground(direction X)


同様の部品番号 - AMR3013P

メーカー部品番号データシート部品情報
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003D MULTIDIMENSION-AMR3003D Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003LG MULTIDIMENSION-AMR3003LG Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
More results

同様の説明 - AMR3013P

メーカー部品番号データシート部品情報
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
   AMR Angle Sensor
logo
MultiDimension Technolo...
AMR3008 MULTIDIMENSION-AMR3008 Datasheet
665Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
   Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
logo
Analog Devices
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
   Integrated AMR Angle Sensor and Signal Conditioner
logo
TE Connectivity Ltd
MS32 TEC-MS32 Datasheet
287Kb / 6P
   AMR Switching-Sensor
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L_14 Datasheet
330Kb / 7P
   LINEAR AMR SENSOR
IC-SM2L ICHAUS-IC-SM2L_14 Datasheet
439Kb / 8P
   LINEAR AMR SENSOR
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
   Integrated AMR Angle Sensor and Signal Conditioner
logo
TE Connectivity Ltd
KMT36H TEC-KMT36H Datasheet
221Kb / 7P
   AMR Sensor with 360째 capability
logo
IC-Haus GmbH
IC-SM5L ICHAUS-IC-SM5L Datasheet
135Kb / 5P
   LINEAR AMR SENSOR (5 mm)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com