データシートサーチシステム |
|
ADPDF5J04AY データシート(PDF) 1 Page - ITT Industries |
|
ADPDF5J04AY データシート(HTML) 1 Page - ITT Industries |
1 / 6 page K K–44 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K A Series General Purpose Snap-acting Switches Models Available Features/Benefits • Low cost—high performance • Long electrical life • Single and double pole • Sealed actuator option available Typical Applications • Enclosure equipment • Garage door openers • Vending machines Specifications CONTACT RATING: From low level* to 30.1 AMPS @ 277 V AC. ELECTRICAL LIFE: 75,000 cycles at 25 AMPS @ 250 V AC, 200,000 cycles at 15 AMPS @ 250 V AC. INSULATION RESISTANCE: 1,000 M ohm min. DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level. OPERATING TEMPERATURE: –67ºF to 185ºF (–55ºC to 85ºC). OPERATING FORCE: 20 oz. (567 grams) max. SP models. 40 oz. (1134 grams) max. DP models at actuator button. MOUNTING: Torque screws 3 in/lbs max. * Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @ 20 V AC or DC max. NOTE: For the latest information regarding RoHS compliance, please go to: www.ittcannon.com/rohs. NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, consult Customer Service Center. Materials SWITCH HOUSING: Heat resistant phenolic (UL 94V-0). ACTUATOR BUTTON: Heat resistant phenolic (UL 94V-0). SPRING: Copper alloy. PIVOT: Brass alloy for models up to 15 AMPS. Copper for 25 AMP models. MOVABLE CONTACTS: Gold alloy for ratings 1 AMP or less. Fine silver for ratings up to 15 AMPS. Precious metal alloy for ratings of 30.1 AMPS. STATIONARY CONTACTS: Gold alloy on brass base alloy for ratings 1 AMP or less. Fine silver welded on brass base alloy for ratings greater than 1 AMP up to 15 AMPS. Fine silver welded on copper alloy for ratings 30.1 AMPS. TERMINALS: Brass alloy for 1 AMP up to 15 AMPS. Copper alloy for 30.1 AMPS. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Available options are shown and described on pages K-45 through K-49. For additional options not shown in catalog, consult Customer Service Center. Series A General Purpose Snap-acting Switches Operating Force KH* 20 oz./567 grams PD** 30 oz./850 grams GG*5 oz./142 grams PF**40 oz./1134 grams Electrical Rating C2 15 A, 125, 25O V AC; 3/4 HP, 125 V AC; 1 1/2 HP, 250 V AC F3 25 A, 125, 250 V AC; 1 HP, 125 V Ac; 2 HP, 250 V AC; 2 A, 24 V DC F5 1 A, 125 V AC, 3O V DC Actuator P0 Pin plunger T0 Lever A0 Lever roller A2 Lever roller, high force BB Large red button B1 Large black button J0 High overtravel plunger L0 Leaf Q0 High operating position plunger W0 Leaf roller Terminations 4A .250" quick connect Circuitry C DT W ST N.C. Y ST N.O. No. Poles S SP D DP 4 A A * Single Pole ** Double Pole |
同様の部品番号 - ADPDF5J04AY |
|
同様の説明 - ADPDF5J04AY |