データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KPD1S2W4P データシート(PDF) 2 Page - ITT Industries

部品番号 KPD1S2W4P
部品情報  Piezo Pulse Momentary Pushbutton Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

KPD1S2W4P データシート(HTML) 2 Page - ITT Industries

  KPD1S2W4P Datasheet HTML 1Page - ITT Industries KPD1S2W4P Datasheet HTML 2Page - ITT Industries KPD1S2W4P Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A–87
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K KP Series
Piezo Pulse Momentary Pushbutton Switches
MODELS
TERMINATIONS
AMP 2-520184-2 (.250 female)
or equivalent.
NOTE: Standard wire leads are 22 AWG. Red positive lead, violet negative lead.
Other colors, lengths and gauge available, consult Customer Service Center.
W6P 6" WIRE LEAD, .20 SKIP
W6 6" WIRE LEAD, .20 STRIP
Y4P 4" WIRE LEAD WITH .250" FEMALE
INSULATED QUICK CONNECTOR
Y4 4" WIRE LEAD WITH .250" FEMALE
INSULATED QUICK CONNECTOR
W4P 4" WIRE LEAD, .20 SKIP
W4 4" WIRE LEAD, .20 STRIP
S (Small Plastic)
M (Small Aluminum)
Metal housing of `M' Small Aluminum Model
should be grounded.
SPST N.O. MOMENTARY
(See schematic page A-84.)
NATURAL
DC
KPD1M0
HOUSING
COLOR
CIRCUIT
TYPE
MODEL
NO.
SPST N.O. MOMENTARY
(See schematic page A-84.)
WHITE
BLACK
DC
DC
KPD1S1
KPD1S2
HOUSING
COLOR
CIRCUIT
TYPE
MODEL
NO.
KPD1M0W4
SPST
KPD1S2W4
SPST
A
W4P, W6P or Y4P options are RoHS compliant and compatible.


同様の部品番号 - KPD1S2W4P

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
KPD1203K ETC-KPD1203K Datasheet
137Kb / 2P
   Unbiased for low frequency or biased for high frequency measurement
More results

同様の説明 - KPD1S2W4P

メーカー部品番号データシート部品情報
logo
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
logo
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 CK-COMPONENTS-E010_V01 Datasheet
885Kb / 6P
   Sealed Momentary Pushbutton Switches
17 Mar 22
logo
GREATECS
PB9 GREATECS-PB9 Datasheet
982Kb / 1P
   Momentary Pushbutton Switches with LED
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
List of Unclassifed Man...
U573 ETC2-U573 Datasheet
34Kb / 1P
   SUBMINIATURE WASHABLE MOMENTARY PUSHBUTTON SWITCHES
1212MA ETC-1212MA Datasheet
286Kb / 7P
   Momentary pushbutton switches - round plunger
1212C2 ETC2-1212C2 Datasheet
235Kb / 4P
   Momentary pushbutton switches - round plunger
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com