データシートサーチシステム |
|
74F365FCX データシート(PDF) 4 Page - National Semiconductor (TI) |
|
|
74F365FCX データシート(HTML) 4 Page - National Semiconductor (TI) |
4 / 8 page AC Electrical Characteristics 74F 54F 74F TA ea25 C TA VCC e Mil TA VCC e Com Symbol Parameter VCC ea50V CL e 50 pF CL e 50 pF Units CL e 50 pF Min Typ Max Min Max Min Max tPLH Propagation Delay 25 46 65 20 70 20 70 ns tPHL In to On 25 49 70 20 70 20 75 tPZH Enable Time 25 51 95 20 85 25 100 ns tPZL 25 57 90 20 85 25 95 tPHZ Disable Time 20 36 65 15 65 20 70 ns tPLZ 20 44 65 15 90 20 70 Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 74F 365 S C X Temperature Range Family Special Variations 74FeCommercial QB e Military grade device with 54FeMilitary environmental and burn-in processing Device Type X e Devices shipped in 13 reels Package Code Temperature Range P e Plastic DIP CeCommercial (0 Cto a70 C) D e Ceramic DIP MeMilitary (b55 Cto a125 C) F e Flatpak L e Leadless Chip Carrier (LCC) S e Small Outline (SOIC) 4 |
同様の部品番号 - 74F365FCX |
|
同様の説明 - 74F365FCX |