データシートサーチシステム |
|
74F365LMX データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
74F365LMX データシート(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLF9522 January 1995 54F74F365 Hex BufferDriver with TRI-STATE Outputs General Description The ’F365 is a hex buffer and line driver designed to be employed as a memory and address driver clock driver and bus-oriented transmitterreceiver Features Y TRI-STATE buffer outputs Y Outputs sink 64 mA Y Bus-oriented Commercial Military Package Package Description Number 74F365PC N16E 16-Lead (0300 Wide) Molded Dual-In-Line 54F365DM (Note 2) J16A 16-Lead Ceramic Dual-In-Line 74F365SC (Note 1) M16A 16-Lead (0150 Wide) Molded Small Outline JEDEC 54F365FM (Note 2) W16A 16-Lead Cerpack 54F365LM (Note 2) E20A 20-Lead Ceramic Leadless Chip Carrier Type C Note 1 Devices also available in 13 reel Use suffix e SCX Note 2 Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB Logic Symbol Connection Diagrams IEEEIEC TLF9522 – 4 Pin Assignment for DIP SOIC and Flatpak TLF9522 – 1 Pin Assignment for LCC TLF9522 – 2 TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - 74F365LMX |
|
同様の説明 - 74F365LMX |