データシートサーチシステム |
|
CA3102B10SL-8S データシート(PDF) 4 Page - ITT Industries |
|
CA3102B10SL-8S データシート(HTML) 4 Page - ITT Industries |
4 / 5 page Pin front view: Shell rotation Contact Arrangement W˚ X˚ Y˚ Z˚ 14S-9 70 145 215 290 16-9 35 110 250 325 16-10 90 180 270 — 16-11 35 110 250 325 16S-1 80 — — 280 16S-8 — 170 265 — 18-1 70 145 215 290 18-4 35 110 250 325 18-5 80 110 250 280 18-8 70 — — 290 18-9 80 110 250 280 18-10 — 120 240 — 18-11 — 170 265 — 18-12 80 — — 280 18-20 90 180 270 — 18-22 70 145 215 290 20-3 70 145 215 290 20-4 45 110 250 — 20-7 80 110 250 280 20-19 90 180 270 — 20-27 35 110 250 325 Contact Arrangement W˚ X˚ Y˚ Z˚ 20-29 80 — — 280 20-33 35 110 256 325 22-2 70 145 215 290 22-14 80 — — 280 22-19 80 110 250 280 22-23 35 — 250 — 22-28 80 — — 280 24-2 80 — — 280 24-10 80 — — 280 24-20 80 110 250 280 24-28 80 110 250 280 28-10 80 110 250 280 28-11 80 110 250 280 28-12 90 180 270 — 28-15 80 110 250 280 28-16 80 110 250 280 28-21 80 110 250 280 36-5 — 120 240 — 36-7 80 110 250 280 36-8 80 110 250 280 36-10 80 125 235 280 Dimensions are shown in mm (inch) Dimensions subject to change www.ittcannon.com Circular CA/MS A&B Assembly Instructions Step 3: Confirm insulator is fixed inside shell by applying slight force on the engaging side of the insulator. If properly installed, the insulator can not be pushed out the rear of the shell. If the insulator is displaced with this test, please repeat steps 1 and 2. Step 4: Complete assembly by adding coupling nut and endbell. Please note that the coupling nut is used on the plug side only. *Note: During installation, ensure that all contacts remain fixed. If during this process the contacts rotate out of position, separate the 2 piece insulator and adjust accordingly. Alternate Insert Positions Step 2: After insulator is seated in shell, install the snap ring on the rear of the connector. Slightly compress ring and insert into recessed area just above the insulator. If not completely in place, manipulate the snap ring with finger until visual or audible seating confirmation is made. No tooling is required. Step 1*: Remove tape from insulator. With the insulator and shell positioned as shown above, polarize insulator to desired position and place inside shell using the internal keyway as guide. Once inside the shell, the insulator cannot rotate. However, until the snap ring is applied in step 2, the insulator is not captivated in the shell. Unassembled connectors are supplied in kits, an insulator kit and hardware kit. The insulator kit includes a snap ring and insulator with preloaded contacts. The hardware kit includes the shell along with appropriate endbell (except box mount receptacles) and coupling nut (plug only). Contact Arrangement W˚ X˚ Y˚ Z˚ 10SL-3 — — — — 10SL-4 — — — — 12S-3 70 145 215 290 14S-1 — — — — 14S-2 — 120 240 — 14S-5 — 110 — — 14S-6 — — — — 14S-7 90 180 270 — 4 |
同様の部品番号 - CA3102B10SL-8S |
|
同様の説明 - CA3102B10SL-8S |