データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC141800A データシート(PDF) 11 Page - Motorola, Inc

部品番号 MC141800A
部品情報  LCD Segment / Common Driver with Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141800A データシート(HTML) 11 Page - Motorola, Inc

Back Button MC141800A Datasheet HTML 7Page - Motorola, Inc MC141800A Datasheet HTML 8Page - Motorola, Inc MC141800A Datasheet HTML 9Page - Motorola, Inc MC141800A Datasheet HTML 10Page - Motorola, Inc MC141800A Datasheet HTML 11Page - Motorola, Inc MC141800A Datasheet HTML 12Page - Motorola, Inc MC141800A Datasheet HTML 13Page - Motorola, Inc MC141800A Datasheet HTML 14Page - Motorola, Inc MC141800A Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
MC141800A
3–267
MOTOROLA
TABLE 5. SPI Timing Characteristics (TA=-30 to 85˚C, DVDD=2.4 to 3.5V, VSS=0V)
Symbol
Parameter
Min
Typ
Max
Unit
tcycle
Clock Cycle Time
1000
-
-
ns
tLEAD
Enable Lead Time
500
-
-
ns
tLAG
Enable Lag Time
500
-
-
ns
tDSW
Write Data Setup Time
100
-
-
ns
tDHW
Write Data Hold Time
100
-
-
ns
tDVR
Read Data Valid Time
-
-
240
ns
tDHR
Read Data Hold Time
10
-
-
ns
tACC
Access Time
-
-
120
ns
tDIS
Disable Time
-
-
240
ns
tCLKL
Clock Low Time
380
-
-
ns
tCLKH
Clock High Time
380
-
-
ns
tR
Rise Time
-
-
100
ns
tF
Fall Time
-
-
100
ns
tcyc
CLK
Dout
Din
CE
tLEAD
tCLKH
tDIS
tLAG
tDHW
tDSW
tACC
tDHR
tDVR
tCLKL
tF
tR
MSB
LSB
MSB
LSB
Figure 6. SPI Timing Characteristics


同様の部品番号 - MC141800A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
MC141803T MOTOROLA-MC141803T Datasheet
299Kb / 24P
   LCD Segment / Common Driver with Controller CMOS
More results

同様の説明 - MC141800A

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
   LCD Segment / Common Driver with Controller
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
   LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com