データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA2151FN データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TA2151FN
部品情報  RF Amplifier for Digital Servo CD System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2151FN データシート(HTML) 4 Page - Toshiba Semiconductor

  TA2151FN Datasheet HTML 1Page - Toshiba Semiconductor TA2151FN Datasheet HTML 2Page - Toshiba Semiconductor TA2151FN Datasheet HTML 3Page - Toshiba Semiconductor TA2151FN Datasheet HTML 4Page - Toshiba Semiconductor TA2151FN Datasheet HTML 5Page - Toshiba Semiconductor TA2151FN Datasheet HTML 6Page - Toshiba Semiconductor TA2151FN Datasheet HTML 7Page - Toshiba Semiconductor TA2151FN Datasheet HTML 8Page - Toshiba Semiconductor TA2151FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TA2151FN
2003-01-16
4
Pin No.
Symbol
I/O
Functional Description
Remarks
20
RFRP
O
Track count signal output terminal.
¾
21
BTC
I
Time constant adjustment terminal for bottom detection.
Adjusted by capacitance.
22
RFCT
O
RFRP signal center level output terminal.
¾
23
PKC
I
Time constant adjustment terminal for peak detection.
Adjusted by capacitance.
24
RFRPIN
I
Input terminal for track count signal output amp.
¾
25
RFGO
O
Output terminal for RF signal amplitude adjustment amp.
¾
26
GVSW
I
Amp (FE, TE) gain switching terminal.
GVSW
Mode
GND
CD-RW
HiZ
VCC
Normal
Low (GND) is for 5 times
gain.
27
AGCIN
I
Input terminal for RF signal amplitude adjustment amp.
Connected to RFO through
capacitance.
28
RFO
O
Output terminal for RF signal amp.
¾
29
GND
¾
Ground terminal.
¾
30
RFN2
I
Input terminal for RF signal amp.
¾
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Power supply voltage
VCC
8
V
Power dissipation
PD
500
mW
Operating temperature
Topr
-40~85
°C
Storage temperature
Tstg
-55~150
°C


同様の部品番号 - TA2151FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2152FLG TOSHIBA-TA2152FLG Datasheet
302Kb / 18P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2152FNG TOSHIBA-TA2152FNG Datasheet
276Kb / 16P
   Low Current Consumption Headphone Amplifier (for 1.5-V/3-V Use)
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
TAI-SAW TECHNOLOGY CO.,...
TA2154A TAI-SAW-TA2154A Datasheet
669Kb / 7P
   SAW Filter 1588.655 MHz (BW 34.47Hz) SMD 1.1x0.9x0.5mm
logo
Toshiba Semiconductor
TA2154AFN TOSHIBA-TA2154AFN Datasheet
171Kb / 13P
   1.5 V 1 Chip Tuner IC (for Digital Tuning System)
More results

同様の説明 - TA2151FN

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9616 SILAN-SA9616 Datasheet
207Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2157F TOSHIBA-TA2157F Datasheet
184Kb / 14P
   Digital Servo Head Amp for CD System
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com