データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KSB1A132LFT データシート(PDF) 1 Page - ITT Industries

部品番号 KSB1A132LFT
部品情報  Low-profile Tact Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

KSB1A132LFT データシート(HTML) 1 Page - ITT Industries

  KSB1A132LFT Datasheet HTML 1Page - ITT Industries KSB1A132LFT Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.ittcannon.com
B–36
Dimensions shown in: mm (inch)
Specifications and dimensions subject to change
B
Actuation force
Operating life
Type
Newtons (grams)
(operations)
KSB0M110
1.6 (160)
100,000
KSB0M410
3.0 (300)
500,000
KSF0M210
1.3 (130)
100,000
KSF0M310
1.6 (160)
500,000
KSF0M410
3.0 (300)
100,000
KSF0M510
5.0 (500)
100,000
KSF0M910
3.0 (300)
500,000
KSB & KSF Series
Low-profile Tact Switch
Features/Benefits
Low profile
Protected against flux
KSB without top sealing
KSF with top sealing
RoHS compliant and compatible
Typical Applications
Low profile keyboards
Instrumentation
Industrial control
Medical
Military
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
However, please note that all the combinations of these options are not feasible.
For any part number different from those listed above, please consult your local ITT representative.
Ground Terminal
0 Without
1 With
Insertion
M Manual (bulk packaging)
A Automatic (tube packaging)*
K
S
L
F
T
Contact Material
1
Silver contacts
3 Gold contacts
Type
B Without actuator
F Flat membrane
Operation Force
1
1.6 N (160 grams), 100,000 operations (KSB only)
2 1.3 N (130 grams), 100,000 operations (KSF only)
3 1.6 N (160 grams), 500,000 operations (KSF only)
4 3 N (300 grams), 100,000 operations
5 5 N (500 grams), 100,000 operations (KSF only)
9 3 N (300 grams), 500,000 operations (KSF only)
Sealing
0
Sealed against flux (KSB) IP40
1 Totally sealed IP 65
2 High performace seal IP 65
RoHS compliant and compatible.
Tin plated.
Specification
CONTACT ARRANGEMENT: SPST, N.O.
DOUBLE OVERMOLDING ON TERMINAL
MEMBRANE SEALING
TERMINALS: PC pins
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Mechanical
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 300 Vrms
CONTACT RESISTANCE: KSF 100 m
Ω; KSB 100 m Ω
INSULATION RESISTANCE (100 V):
≤ 109
BOUNCE TIME: 1 ms
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 90˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-40˚C to 90˚C
-55˚C to 125˚C
Process
Wave soldering compatible with lead free sodering profile.
Packaging
KSF can be delivered in tubes of 65 pieces for automatic insertion.
KSB in boxes of 500 pieces for manual insertion.
B
T
N
K
1
0
Button Style
K10 10 mm square
Button Color
10 Dark gray
20 Light gray
30 Yellow
40 Red
50 Green
60 Blue
70 Gray-blue
80 Ivory
90 Black
BUTTON for KSF Button must be ordered separately
and will be supplied in bulk.
SWITCH
* KSF only


同様の部品番号 - KSB1A132LFT

メーカー部品番号データシート部品情報
logo
C&K Components
KSB1-A-110 CK-COMPONENTS-KSB1-A-110 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB1-A-111 CK-COMPONENTS-KSB1-A-111 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB1-A-112 CK-COMPONENTS-KSB1-A-112 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB1-A-13-0 CK-COMPONENTS-KSB1-A-13-0 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
KSB1-A-13-1 CK-COMPONENTS-KSB1-A-13-1 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
More results

同様の説明 - KSB1A132LFT

メーカー部品番号データシート部品情報
logo
C&K Components
KSE CK-COMPONENTS-KSE Datasheet
574Kb / 2P
   Low Profile Tact Switch
KSE CK-COMPONENTS-KSE_V01 Datasheet
545Kb / 3P
   Low Profile Tact Switch
KSB0M110 CK-COMPONENTS-KSB0M110 Datasheet
687Kb / 22P
   Low-profile Tact Switch
KSE CK-COMPONENTS-KSE_11 Datasheet
193Kb / 2P
   Low Profile Tact Switch
KSB CK-COMPONENTS-KSB_V01 Datasheet
91Kb / 4P
   Low-profile Tact SwitchS
2003
logo
Suntan Capacitors
TSS-RP-0302 SUNTAN-TSS-RP-0302 Datasheet
151Kb / 1P
   TACT SWITCH
logo
List of Unclassifed Man...
IT-1102WA8-160G-G ETC-IT-1102WA8-160G-G Datasheet
1Mb / 7P
   Tact Switch
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
   TACT SWITCH
logo
Suntan Capacitors
TSS-RP-0102 SUNTAN-TSS-RP-0102 Datasheet
186Kb / 1P
   TACT SWITCH
TSS-RP-06XG SUNTAN-TSS-RP-06XG Datasheet
171Kb / 1P
   TACT SWITCH
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com