データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE18OA03B データシート(PDF) 5 Page - ITT Industries

部品番号 NE18OA03B
部品情報  Mains / Power Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ITT [ITT Industries]
ホームページ  http://www.ittcannon.com
Logo ITT - ITT Industries

NE18OA03B データシート(HTML) 5 Page - ITT Industries

  NE18OA03B Datasheet HTML 1Page - ITT Industries NE18OA03B Datasheet HTML 2Page - ITT Industries NE18OA03B Datasheet HTML 3Page - ITT Industries NE18OA03B Datasheet HTML 4Page - ITT Industries NE18OA03B Datasheet HTML 5Page - ITT Industries NE18OA03B Datasheet HTML 6Page - ITT Industries NE18OA03B Datasheet HTML 7Page - ITT Industries NE18OA03B Datasheet HTML 8Page - ITT Industries NE18OA03B Datasheet HTML 9Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
A–102
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Third Angle
Projection
C&K NE-18 Series
Mains / Power Switches
CONTACT ARRANGEMENT
MECHANICAL FUNCTION
Momentary
Alternate (push-push)
OA
EE
FUNCTION
OPTION CODE
37
NE18 — 2AX
DPST
38
NE18 — 2UX
DPDT
51
2U + NE18 — 2AX
DPST*
52 (4A/64)
NE18CTII — 2AX
DPST
39
2U + NE18 — 2UX
DPDT*
41
NE18 — 2AP
DPST
42
NE18 — 2UP
DPDT
43
NE18 — 2AW
DPST
44
NE18 — 2UW
DPDT
45
NE18 — 2ASX
DPST
ELECTRICAL
CIRCUIT
STYLE
OPTION CODE
Contact capacity
and availability
46
NE18 — 2USX
DPDT
47
NE18 — 2ASP
DPST
48
NE18 — 2USP
DPDT
49
NE18 — 2ASW
DPST
50
NE18 — 2USW
DPDT
53 (4A/64)
2U + NE18CTII — 2AX
DPST
54
2U + NE18 — 2AW
DPST
55
2U + NE18 — 2AP
DPST
56
2U + NE18 — 2UW
DPDT
57
2U + NE18 — 2UP
DPDT
ELECTRICAL
CIRCUIT
STYLE
OPTION CODE
Contact capacity
and availability
*
2U + Denotes auxiliary set of low current contacts DPDT
2A = DPST
2U = DPDT
S = Snap-in mounting
X = Solder lug/PC pins
W = Solder lugs only
P = PC pins only
NOTES
1. Contact plating is silver on all Power Switches.
2. The electrical function is Break Before Make (BBM) on all Power Switches.
3. The terminals will be epoxy sealed.
1) A = make contact, R = break contact, U = changeover contact, m = VDE sign for switches with a contact spacing (air gap) < 3mm (.118 inch) according to
VDE 0630/CEE 24.
2) With 2A mains contacts: Mounting only by PC pins is not sufficient.
3) BSI only for 2U mains contacts.
VDE, BSI, DEMKO, CSA,
SEMKO, SEV, UL, NEMKO
II
> 3mm
(.118 inch)
2U
2A2
NE18CTII
VDE, MEEI, BSI3,
DEMKO, NEMKO,
SEMKO, SEV, CSA, UL
I
> 3mm (m)
(.118 inch)
2U
2A2
2U
NE18
VDE, BSI, DEMKO,
NEMKO, SEMKO, SEV,
CSA, UL
II
> 3mm
(.118 inch)
2U
2A2
NE18
APPROVALS
PROTECTION CLASS
(CEE 24)
CONTACT SPACING
POSSIBLE CONTACT ARRANGEMENT
POWER CONTACTS1
AUXILIARY CONTACTS
TYPE
A


同様の部品番号 - NE18OA03B

メーカー部品番号データシート部品情報
logo
C&K Components
NE18OA01B CK-COMPONENTS-NE18OA01B Datasheet
388Kb / 9P
   Power Switches
NE18OA02B CK-COMPONENTS-NE18OA02B Datasheet
388Kb / 9P
   Power Switches
More results

同様の説明 - NE18OA03B

メーカー部品番号データシート部品情報
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
   NE-18 Series Mains / Power Switches
logo
ITT Industries
F0203 ITT-F0203 Datasheet
1,008Kb / 9P
   C K NE-18 Series Mains / Power Switches
logo
STMicroelectronics
AN2799 STMICROELECTRONICS-AN2799 Datasheet
381Kb / 14P
   Measuring mains power consumption
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
   MAINS INPUT FILTERS
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
   Power plug for the universal mains
1997 Mar 07
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
   Flat Mains Transformer
logo
Schurter Inc.
4121 SCHURTER-4121 Datasheet
273Kb / 2P
   Power Supply Cord with Euro- Power (Mains) Plug, Straight
logo
PIC GmbH
MS-216-5 PIC-MS-216-5 Datasheet
22Kb / 1P
   Mains switching Reed Sensor
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
   Power Supply Cord with Shako Power (Mains) Plug, Angled
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com