データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF4108BRUZ データシート(PDF) 8 Page - Analog Devices

部品番号 ADF4108BRUZ
部品情報  PLL Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF4108BRUZ データシート(HTML) 8 Page - Analog Devices

Back Button ADF4108BRUZ Datasheet HTML 4Page - Analog Devices ADF4108BRUZ Datasheet HTML 5Page - Analog Devices ADF4108BRUZ Datasheet HTML 6Page - Analog Devices ADF4108BRUZ Datasheet HTML 7Page - Analog Devices ADF4108BRUZ Datasheet HTML 8Page - Analog Devices ADF4108BRUZ Datasheet HTML 9Page - Analog Devices ADF4108BRUZ Datasheet HTML 10Page - Analog Devices ADF4108BRUZ Datasheet HTML 11Page - Analog Devices ADF4108BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADF4108
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0.50000
0.60000
0.70000
0.80000
0.90000
1.00000
1.10000
1.20000
1.30000
1.40000
1.50000
1.60000
1.70000
1.80000
1.90000
2.00000
2.10000
2.20000
2.30000
2.40000
2.50000
2.60000
2.70000
2.80000
2.90000
3.00000
3.10000
3.20000
3.30000
3.40000
3.50000
3.60000
3.70000
3.80000
3.90000
4.00000
4.10000
4.20000
–17.2820
–20.6919
–24.5386
–27.3228
–31.0698
–34.8623
–38.5574
–41.9093
–45.6990
–49.4185
–52.8898
–56.2923
–60.2584
–63.1446
–65.6464
–68.0742
–71.3530
–75.5658
–79.6404
–82.8246
–85.2795
–85.6298
–86.1854
–86.4997
–88.8080
–91.9737
–95.4087
–99.1282
–102.748
–107.167
–111.883
–117.548
–123.856
–130.399
–136.744
–142.766
–149.269
–154.884
0.89148
0.88133
0.87152
0.85855
0.84911
0.83512
0.82374
0.80871
0.79176
0.77205
0.75696
0.74234
0.72239
0.69419
0.67288
0.66227
0.64758
0.62454
0.59466
0.55932
0.52256
0.48754
0.46411
0.45776
0.44859
0.44588
0.43810
0.43269
0.42777
0.42859
0.43365
0.43849
0.44475
0.44800
0.45223
0.45555
0.45313
0.45622
4.30000
4.40000
4.50000
4.60000
4.70000
4.80000
4.90000
5.00000
5.10000
5.20000
5.30000
5.40000
5.50000
5.60000
5.70000
5.80000
5.90000
6.00000
6.10000
6.20000
6.30000
6.40000
6.50000
6.60000
6.70000
6.80000
6.90000
7.00000
7.10000
7.20000
7.30000
7.40000
7.50000
7.60000
7.70000
7.80000
7.90000
8.00000
0.45555
0.46108
0.45325
0.45054
0.45200
0.45043
0.45282
0.44287
0.44909
0.44294
0.44558
0.45417
0.46038
0.47128
0.47439
0.48604
0.50637
0.52172
0.53342
0.53716
0.55804
0.56362
0.58268
0.59248
0.61066
0.61830
0.61633
0.61673
0.60597
0.58376
0.57673
0.58157
0.60040
0.61332
0.62927
0.63938
0.65320
0.65804
–159.680
–164.916
–168.452
–173.462
–176.697
178.824
174.947
170.237
166.617
162.786
158.766
153.195
147.721
139.760
132.657
125.782
121.110
115.400
107.705
101.572
97.5379
93.0936
89.2227
86.3300
83.0956
80.8843
78.0872
75.3727
73.9456
73.5883
74.1975
76.2136
77.1545
76.1122
74.8359
74.0546
72.0061
69.9926
Freq
MAGS11
ANGS11
FREQ UNIT:
GHz
KEYWORD: R
PARAM TYPE:
s
DATA FORMAT: MA
Freq
MAGS11
ANGS11
Figure 5. S Parameter Data for the RF Input
0
–35
–30
–25
–20
–15
–10
–5
19
8
7
6
5
4
3
2
RF INPUT FREQUENCY (GHz)
VDD = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 6. RF Input Sensitivity
–50
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1kHz
10MHz
FREQUENCY OFFSET
VDD = 3.3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 50kHz
PHASE NOISE = –82dBc/Hz @ 1kHz
HMC506LP4 VCO
Figure 7. Phase Noise at 7.9 GHz Phase Noise
0
–120
–100
–80
–60
–40
–20
–2MHz
–1MHz
7900MHz
1MHz
2MHz
FREQUENCY
–61dBc
VDD = 3.3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 1MHz
LOOP BANDWIDTH = 50kHz
RES BANDWIDTH = 3kHz
VIDEO BANDWIDTH = 3kHz
AVERAGES = 1
OUTPUT POWER = –0.3dBm
HMC506LP4 VCO
–0.3dBm
Figure 8. Reference Spurs at 7.9 GHz
Note: The spurs are dominated by the leakage current of the tuning port on
the HMC506LP4 VCO. The leakage current was measured to be 27 nA.
6
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCP (V)
VPP = 5V
ICP SETTLING = 5mA
Figure 9. Charge Pump Output Characteristics
–120
–180
–170
–160
–150
–140
–130
100M
10k
100k
1M
10M
PHASE FREQUENCY DETECTOR (Hz)
VDD = 3V
VP = 5V
Figure 10. Phase Noise (Referred to CP Output) vs. PFD Frequency


同様の部品番号 - ADF4108BRUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF4108L703F AD-ADF4108L703F Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
More results

同様の説明 - ADF4108BRUZ

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com