データシートサーチシステム |
|
LM1212 データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
LM1212 データシート(HTML) 2 Page - National Semiconductor (TI) |
2 / 18 page Absolute Maximum Ratings (Note 1) If MilitaryAerospace specified devices are required please contact the National Semiconductor Sales OfficeDistributors for availability and specifications Supply Voltage VCC Pins 4 7 16 to Ground Pins 5 13 15 15V Voltage at Any Input Pin (VIN)VCC t VIN t GND Video Output Current (I17)28 mA Package Power Dissipation at TA e 25 C 156W (Above 25 C Derate Based iJA and TJ) Package Thermal Resistance (iJA) N20A 68 CW Junction Temperature (TJ) 150 C Storage Temperature Range (Tstg) b 65 Cto a150 C Lead Temperature N Package (Soldering 10 sec) 265 C ESD Susceptibility Human Body Model 100 pF Discharged 2 kV through a 15k Resistor Operating Ratings (Note 2) Temperature Range b 20 Cto a80 C Supply Voltage (VCC)8V s VCC s 132V DC Electrical Characteristics See Test Circuit (Figure 1) TA e 25 C V4 e V7 e V16 e 12V S1 Open V19 e 4V V8 e 4V V9 e 4V V14 e 0V unless otherwise noted Symbol Parameter Conditions Typical Limit Units (Note 3) (Note 4) IS 4 7 16 Total Supply Current RLoad e % (Note 5) 51 80 mA (max) V6 Video Input Bias Voltage 29 2 V (min) V14L Clamp Gate Low Input Voltage Clamp Comparator On 08 V (max) V14H Clamp Gate High Input Voltage Clamp Comparator Off 2 V (min) I14L Clamp Gate Low Input Current V14 e 0V b 05 m A I14H Clamp Gate High Input Current V14 e 12V 0005 m A I12a Clamp Cap Charge Current 800 500 m A (min) I12b Clamp Cap Discharge Current b 800 b 500 m A (min) V17L Video Output Low Voltage 02 065 V (max) V17H Video Output High Voltage 10 9 V (min) VOS Comparator Input Offset Voltage V18 b V19 30 g 75 mV (max) V20L Blank Gate Low Input Voltage Blank Gate Off 12 08 V (max) V20H Blank Gate High Input Voltage Blank Gate On 26 3 V (min) I20L Blank Gate Low Input Current V20 e 08V 001 1 m A (max) I20H Blank Gate High Input Current V20 e 3V 33 200 m A (max) V17(blanked) Blanked Output Voltage V20 e 3V 03 08 V (max) AC Electrical Characteristics See Test Circuit (Figure 1) TA e 25 C V4 e V7 e V16 e 12V S1 Closed V19 e 4V V8 e 4V V9 e 4V V14 e 0V unless otherwise noted Symbol Parameter Conditions Typical Limit Units (Note 3) (Note 4) RIN Video Amplifier Input Resistance fIN e 12 kHz 20 kX AV max Video Amplifier Gain V8 e 4V V9 e 4V 20 14 VV (min) D AV 2V Attenuation at 2V Ref AV max V8 e 2V b 6dB D AV 05V Attenuation at 05V Ref AV max V8 e 05V b 38 b 20 dB (min) D Drive D Gain Range V9 e 0V to 4V 6 45 dB (min) THD Video Amplifier Distortion VO e 4VPP fIN e 12 kHz 05 % fb3dB Video Amplifier Bandwidth (Note 6) VO e 4VPP 230 MHz tr Output Rise Time (Note 6) VO e 4VPP 15 ns tf Output Fall Time (Note 6) VO e 4VPP 15 ns http www nationalcom 2 |
同様の部品番号 - LM1212 |
|
同様の説明 - LM1212 |