データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1212 データシート(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1212
部品情報  230 MHz Video Amplifier System with OSD Blanking
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1212 データシート(HTML) 5 Page - National Semiconductor (TI)

  LM1212 Datasheet HTML 1Page - National Semiconductor (TI) LM1212 Datasheet HTML 2Page - National Semiconductor (TI) LM1212 Datasheet HTML 3Page - National Semiconductor (TI) LM1212 Datasheet HTML 4Page - National Semiconductor (TI) LM1212 Datasheet HTML 5Page - National Semiconductor (TI) LM1212 Datasheet HTML 6Page - National Semiconductor (TI) LM1212 Datasheet HTML 7Page - National Semiconductor (TI) LM1212 Datasheet HTML 8Page - National Semiconductor (TI) LM1212 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Circuit Description
Figure 2 shows a block diagram of the LM1212 video ampli-
fier along with contrast and brightness (black level) control
Contrast control is a DC-operated attenuator which varies
the AC gain of the amplifier Signal attenuation (contrast) is
achieved by varying the base drive to a differential pair and
thereby unbalancing the current through the differential pair
As shown in
Figure 2 a 53V bias voltage is internally con-
nected to the positive input of the attenuator and to Pin 1
Pin 3 provides a control voltage for the negative input (pin 2)
of the attenuator The voltage at pin 3 varies as the voltage
at the contrast control input (pin 8) varies thus providing
signal attenuation The gain is maximum (0 dB attenuation)
if the voltage at pin 8 is 4V and is minimum (maximum atten-
uation) if the voltage at pin 8 is 0V The 0V to 4V DC-operat-
ed drive control at pin 9 providesa6dB gain adjustment
range This feature is necessary for RGB applications where
independent gain adjustment of each channel is required
The brightness or black level clamping requires a ‘‘sample
and hold’’ circuit which holds the DC bias of the video ampli-
fier constant during the black level reference portion of the
video waveform Black level clamping often referred to as
DC restoration is accomplished by applying a back porch
clamp signal to the clamp gate input pin (pin 14) The clamp
comparator is enabled when the clamp signal goes low dur-
ing the black level reference period (see
Figure 2 ) When
the clamp comparator is enabled the clamp capacitor con-
nected to pin 12 is either charged or discharged until the
voltage at the minus input of the comparator matches the
voltage set at the plus input of the comparator During the
video portion of the signal the clamp comparator is disabled
and the clamp capacitor holds the proper DC bias In a DC
coupled cathode drive application picture brightness func-
tion can be achieved by varying the voltage at the compara-
tor’s plus input Note that the back porch clamp pulse width
(tW in Figure 2 ) must be greater than 100 ns for proper
operation
OSD blanking is activated through an active high TTL signal
at pin 20 When pin 20 has a high logic level the video
output at pin 17 drops to k 100 mV During this time an
external signal can be applied to the output driving the vid-
eo level to the desired level for the OSD window This OSD
signal will back bias the emitter of the internal output tran-
sistor Q23 (see
Figure 4 ) The maximum voltage to this
transistor under this condition is 5V This signal must also
supply enough current to the pull-down transistor Q24
which is about 100 mA The OSD blanking can only be done
during the active video period If activated during the clamp
pulse period the OSD blanking will interfere with the DC
restoration
VIDEO AMPLIFIER SECTION (Input Stage)
A simplified schematic of LM1212’s video amplifier input
stage is shown in
Figure 3
The 54V zener diode Q1 Q6
and R2 bias the base of Q7 at 26V The AC coupled video
signal applied to pin 6 is referenced to the 26V bias voltage
TLH12354 – 8
FIGURE 2 Block Diagram of the LM1212 Video Amplifier
with Contrast and Brightness (Black Level) Control
http
www nationalcom
5


同様の部品番号 - LM1212

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
LM121 SEOUL-LM121 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LM121 SEOUL-LM121 Datasheet
360Kb / 13P
   CYAN LAMP LED
LM121 SEOUL-LM121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM121 SEOUL-LM121 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LM121 SEOUL-LM121 Datasheet
378Kb / 14P
   RED LAMP LED
More results

同様の説明 - LM1212

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1279 TI1-LM1279 Datasheet
798Kb / 20P
[Old version datasheet]   110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1279 NSC-LM1279 Datasheet
533Kb / 14P
   110 MHz RGB Video Amplifier System with OSD
LM2202 NSC-LM2202 Datasheet
416Kb / 17P
   230 MHz Video Amplifier System
LM1205 NSC-LM1205 Datasheet
435Kb / 24P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
Texas Instruments
LM1205A TI1-LM1205A Datasheet
1Mb / 26P
[Old version datasheet]   130 MHz/85 MHz RGB Video Amplifier System with Blanking
logo
National Semiconductor ...
LM1208 NSC-LM1208 Datasheet
917Kb / 23P
   130 MHz/85 MHz RGB Video Amplifier System with Blanking
LM1209 NSC-LM1209 Datasheet
391Kb / 24P
   130 MHz/100 MHz RGB Video Amplifier System with Blanking
January 1996
logo
Texas Instruments
LM1279A TI1-LM1279A Datasheet
556Kb / 15P
[Old version datasheet]   LM1279A 110 MHz RGB Video Amplifier System with OSD
logo
National Semiconductor ...
LM1202 NSC-LM1202 Datasheet
290Kb / 18P
   LM1202 230 MHz Video Amplifier System
logo
Mitsubishi Electric Sem...
M52734SP MITSUBISHI-M52734SP Datasheet
100Kb / 13P
   3-CHANNEL VIDEO AMPLIFICATION WITH OSD BLANKING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com