データシートサーチシステム |
|
LM1212N データシート(PDF) 9 Page - National Semiconductor (TI) |
|
|
LM1212N データシート(HTML) 9 Page - National Semiconductor (TI) |
9 / 18 page Circuit Description (Continued) DRIVE CONTROL SECTION A simplified schematic of the LM1212’s drive control section is shown in Figure 6 A 0V to 4V DC voltage is applied at the drive control input (pin 9) Transistors Q49 Q50 and Q54 buffer and level shift the contrast voltage to the base of Q56 The voltage at the emitter of Q56 equals the drive voltage Vdrive and the current through Q56’s collector is given by IC56 e Vdrive R43 Transistor Q56’s collector current is used to unbalance the current through the differential pair comprised of Q58 and Q60 Q60’s base is internally biased at 71V and connected to the base of Q12 (see Figure 3 ) Q58’s base is internally connected to the base of Q11 (see Figure 3 ) With Vcont e 2V the differential pair (Q58 Q60) is balanced and the volt- age at the bases of Q11 and Q12 is 71V Under this condi- tion Q10’s collector current is equally split between Q11 and Q12 (see Figure 3 ) If the drive voltage at pin 9 is great- er than 2V then Q56’s collector current increases thus pull- ing Q58’s collector node lower and consequently moving Q58’s base below 71V With base of Q11 below 71V cur- rent through Q12 (see Figure 3 ) increases and the amplifi- er’s gain increases With Vdrive e 4V the amplifier’s gain is maximum under maximum contrast condition (ie Vcont e 4V) If the drive voltage at pin 8 is less than 2V then Q56’s col- lector current decreases and Q58’s base is pulled above 71V With base of Q11 greater than 71V less current flows through Q12 (see Figure 3 ) consequently the amplifier’s gain decreases With Vdrive e 0V the amplifier’s gain is 6 dB less than the maximum gain CLAMP GATE AND CLAMP COMPARATOR SECTION Figures 7 and 8 show simplified schematics of the clamp gate and clamp comparator circuits The clamp gate circuit (Figure 7) consists of a PNP input buffer transistor (Q82) a PNP emitter coupled pair (Q85 and Q86) referenced on one side to 21V and an output switch transistor Q89 When the clamp gate input at pin 14 is high (l 15V) the Q89 switch is on and shunts the 200 mA current from current source Q90 to ground When pin 14 is low (k 13V) the Q89 switch is off and the 200 mA current is mirrored by the current mirror comprised of Q91 and Q75 (see Figure 8 ) Consequently the clamp comparator comprised of the differential pair Q74 and Q77 is enabled The input of the clamp comparator is similar to the clamp gate except that an NPN emitter cou- pled pair is used to control the current that will charge or discharge the clamp capacitor externally connected from pin 12 to ground PNP transistors are used at the inputs because they offer a number of advantages over NPNs PNPs will operate with base voltages at or near ground and will usually have a greater emitter base breakdown voltage (BVebo) Because the differential input voltage to the clamp comparator during the video scan period could be greater than the BVebo of NPN transistors a resistor (R63) with a value one half that of R60 or R68 is connected between the bases of Q71 and Q79 The clamp comparator’s common mode range is from ground to approximately 9V and the maximum differential input voltage is VCC http www nationalcom 9 |
同様の部品番号 - LM1212N |
|
同様の説明 - LM1212N |