データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7764 データシート(PDF) 8 Page - Analog Devices

部品番号 AD7764
部品情報  24-Bit 312 kSPS 109dB ADC With On-Chip Buffers Serial Interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7764 データシート(HTML) 8 Page - Analog Devices

Back Button AD7764 Datasheet HTML 4Page - Analog Devices AD7764 Datasheet HTML 5Page - Analog Devices AD7764 Datasheet HTML 6Page - Analog Devices AD7764 Datasheet HTML 7Page - Analog Devices AD7764 Datasheet HTML 8Page - Analog Devices AD7764 Datasheet HTML 9Page - Analog Devices AD7764 Datasheet HTML 10Page - Analog Devices AD7764 Datasheet HTML 11Page - Analog Devices AD7764 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD7764
Preliminary Technical Data
Rev. PrC | Page 8 of 21
PIN CONFIGURATION AND FUNCTIONAL DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VOUTA+
VINA+
VOUTA-
AVDD2
VIN+
VIN-
VINA-
VREF+
REFGND
AVDD4
RBIAS
AGND1
AVDD1
AGND3
OVERRANGE
SCO
FSI
SDO
FSO
AVDD2
AGND2
MCLK
SYNC
SDI
RESET/PWRDWN
DVDD
DEC_RATE
AVDD3
AD7764
TOP VIEW
(Not to Scale)
Figure 5. 28-Lead TSSOP Pin Configuration
Table 4. Pin Function Descriptions
Pin
Number
Pin Mnemonic
Description
24
AVDD1
+2.5V power supply to the modulator. This pin should be decoupled to pin TBD with a TBDnF
capacitor.
7, 21
AVDD2
+5V power supply. Pin 7 should be decoupled to AGND3(pin 8) with a TBD nF capacitor. Pin 21
should be decoupled to AGND1 (pin 23) with a TBD nF capacitor.
28
AVDD3
+3.3V to +5V power supply for on-board differential ampifier. This pin should be decoupled to
AGND1 (pin TBD) with a TBDnF capacitor.
25
AVDD4
+3.3V to +5V power supply for on-board reference buffer. This pin should be decoupled to
REFGND (pin TBD) with a TBDnF capacitor.
17
DVDD
+2.5V power supply for digital circuitry and FIR filter. This pin should be decoupled to the
ground plane with a TBDnF capacitor.
22
RBIAS
Bias Current setting pin. A resistor must be inserted between this pin and AGND. For more
details on this, see the Bias Resistor Section.
23
AGND1
Power Supply ground for analog circuitry.
20
AGND2
Power Supply ground for analog circuitry.
8
AGND3
Power Supply ground for analog circuitry.
26
REFGND
Reference Ground. Ground connection for the reference voltage.
27
VREF+
Reference Input. The input range of this pin is determined by the reference buffer supply
voltage (AVDD4). See Reference Section for more details.
1
VINA-
Negative Input to Differential Amplifier.
2
VOUTA+
Positive Output from Differential Amplifier.
3
VINA+
Positive Input to Differential Amplifier.
4
VOUTA-
Negative Output from Differential Amplifier.
5
VIN-
Negative Input to the Modulator.
6
VIN+
Positive Input to the Modulator.
9
OVERRANGE
When this pin outputs a logic high it indicates that the analog input is out of range . This
occurs when the magnitude of the differential input is greater than VREF
10
SCO
Serial Clock Out. This clock signal is derived from the internal ICLK signal. The frequency of this
clock is equal to ICLK. See the AD7764 Interface section for further details.
11
FSO
Frame Sync Out. This signal frames the serial data output and is 32 SCO periods wide.


同様の部品番号 - AD7764

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7764 AD-AD7764 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764 AD-AD7764 Datasheet
2Mb / 24P
   24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
REV. 0
AD7764 AD-AD7764 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7764BRUZ AD-AD7764BRUZ Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7764BRUZ AD-AD7764BRUZ Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
More results

同様の説明 - AD7764

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7764 AD-AD7764_07 Datasheet
1Mb / 32P
   24-Bit, 312 kSPS, 109 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7765 AD-AD7765 Datasheet
330Kb / 21P
   24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
Rev. PrC
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD7765 AD-AD7765_07 Datasheet
1Mb / 32P
   24-Bit, 156 kSPS, 112 dB 誇-? ADC with On-Chip Buffers and Serial Interface
REV. 0
AD7763 AD-AD7763_15 Datasheet
822Kb / 33P
   24-Bit, 625 kSPS, 109 dB Sigma-Delta ADC with On-Chip Buffers, Serial Interface
REV. B
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
   Sigma-Delta ADC with On-Chip Buffers, Serial Interface
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
   Sigma-Delta ADC On-Chip Buffers and Serial Interface
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com