データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AUP1G175GF データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74AUP1G175GF
部品情報  Low-power D-type flip-flop with reset; positive-edge trigger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G175GF データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G175GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 9Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 10Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 11Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 12Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 13Page - NXP Semiconductors 74AUP1G175GF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
74AUP1G175_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.xx — 27 March 2006
10 of 26
Philips Semiconductors
74AUP1G175
Low-power D-type flip-flop with reset; positive-edge trigger
fmax
maximum input clock
frequency CP
see Figure 7
VCC = 0.8 V
-
50
-
MHz
VCC = 1.1 V to 1.3 V
-
200
-
MHz
VCC = 1.4 V to 1.6 V
-
345
-
MHz
VCC = 1.65 V to 1.95 V
-
435
-
MHz
VCC = 2.3 V to 2.7 V
-
550
-
MHz
VCC = 3.0 V to 3.6 V
-
615
-
MHz
Tamb = 25 °C; CL = 10 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH
propagation delay CP to Q
see Figure 7
VCC = 0.8 V
-
24.7
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.8
13.3
ns
VCC = 1.4 V to 1.6 V
2.3
4.8
7.9
ns
VCC = 1.65 V to 1.95 V
2.1
3.9
6.1
ns
VCC = 2.3 V to 2.7 V
1.7
3.0
4.3
ns
VCC = 3.0 V to 3.6 V
1.6
2.7
3.6
ns
HIGH-to-LOW and
LOW-to-HIGH
propagation delay MR to Q
see Figure 8
VCC = 0.8 V
-
21.0
-
ns
VCC = 1.1 V to 1.3 V
2.6
6.2
11.5
ns
VCC = 1.4 V to 1.6 V
2.5
4.4
5.9
ns
VCC = 1.65 V to 1.95 V
2.5
3.7
5.7
ns
VCC = 2.3 V to 2.7 V
2.1
3.2
4.3
ns
VCC = 3.0 V to 3.6 V
2.0
3.0
3.9
ns
fmax
maximum input clock
frequency CP
see Figure 7
VCC = 0.8 V
-
50
-
MHz
VCC = 1.1 V to 1.3 V
-
190
-
MHz
VCC = 1.4 V to 1.6 V
-
320
-
MHz
VCC = 1.65 V to 1.95 V
-
420
-
MHz
VCC = 2.3 V to 2.7 V
-
485
-
MHz
VCC = 3.0 V to 3.6 V
-
550
-
MHz
Table 9:
Dynamic characteristics …continued
GND = 0 V; see Figure 9
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


同様の部品番号 - 74AUP1G175GF

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AUP1G175GF NXP-74AUP1G175GF Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
More results

同様の説明 - 74AUP1G175GF

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74AUP1G175 NEXPERIA-74AUP1G175 Datasheet
296Kb / 21P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 18 January 2022
logo
NXP Semiconductors
74AUP1G175 NXP-74AUP1G175 Datasheet
110Kb / 20P
   Low-power D-type flip-flop with reset; positive-edge trigger
Rev. 02-28 February 2008
logo
Nexperia B.V. All right...
74AUP1G175-Q100 NEXPERIA-74AUP1G175-Q100 Datasheet
219Kb / 17P
   Low-power D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
   Hex D-type flip-flop with reset; positive edge-trigger
logo
Nexperia B.V. All right...
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
   Quad D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com