データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3483EARZ データシート(PDF) 1 Page - Analog Devices

部品番号 ADM3483EARZ
部品情報  3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3483EARZ データシート(HTML) 1 Page - Analog Devices

  ADM3483EARZ Datasheet HTML 1Page - Analog Devices ADM3483EARZ Datasheet HTML 2Page - Analog Devices ADM3483EARZ Datasheet HTML 3Page - Analog Devices ADM3483EARZ Datasheet HTML 4Page - Analog Devices ADM3483EARZ Datasheet HTML 5Page - Analog Devices ADM3483EARZ Datasheet HTML 6Page - Analog Devices ADM3483EARZ Datasheet HTML 7Page - Analog Devices ADM3483EARZ Datasheet HTML 8Page - Analog Devices ADM3483EARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
3.3 V, ±15 kV ESD-Protected, Half- and
Full-Duplex, RS-485/RS-422 Transceivers
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
TIA/EIA RS-485/RS-422 compliant
±15 kV ESD protection on RS-485 input/output pins
Data rates
ADM3483E/ADM3488E: 250 kbps
ADM3486E: 2.5 Mbps
ADM3490E/ADM3491E: 12 Mbps
Half- and full-duplex options
Up to 32 nodes on the bus
Receiver open-circuit, fail-safe design
Low power shutdown current
(ADM3483E/ADM3486E/ADM3491E only)
Outputs high-Z when disabled or powered off
Common-mode input range: −7 V to +12 V
Thermal shutdown and short-circuit protection
Industry-standard 75176 pinout
8-lead and 14-lead narrow SOIC packages
APPLICATIONS
Power/energy metering
Telecommunications
EMI-sensitive systems
Industrial control
Local area networks
GENERAL DESCRIPTION
The ADM3483E/ADM3486E/ADM3488E/ADM3490E/
ADM3491E are 3.3 V, low power data transceivers with
±15 kV ESD protection suitable for full- and half-duplex
communication on multipoint bus transmission lines. They
are designed for balanced data transmission, and they
comply with TIA/EIA standards RS­485 and RS-422. The
ADM3483E/ADM3486E are half-duplex transceivers that
share differential lines and have separate enable inputs for
the driver and receiver. The full-duplex ADM3488E/
ADM3490E/ADM3491E transceivers have dedicated
differential line driver outputs and receiver inputs. The
ADM3491E also features separate enable inputs for the
driver and receiver.
The devices have a 12 kΩ receiver input impedance,
which allows up to 32 transceivers on a bus. Because only
one driver should be enabled at any time, the output of a
disabled or powered-down driver is tristated to avoid
overloading the bus.
FUNCTIONAL BLOCK DIAGRAMS
ADM3483E/
ADM3486E
RO
RE
DE
DI
VCC
A
B
GND
D
R
Figure 1.
ADM3488E/
ADM3490E
RO
DI
VCC
A
B
Z
Y
GND
R
D
Figure 2.
ADM3491E
RO
RE
DE
DI
VCC
A
B
Z
Y
GND
R
D
Figure 3.
(continued on Page 3)


同様の部品番号 - ADM3483EARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

同様の説明 - ADM3483EARZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM485E AD-ADM485E Datasheet
399Kb / 16P
   5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20