データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AM29BL162CB90RZI データシート(PDF) 9 Page - SPANSION

部品番号. AM29BL162CB90RZI
部品情報  16 Megabit (1 M x 16-Bit) CMOS 3.0 Volt-only Burst Mode Flash Memory
ダウンロード  50 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  SPANSION [SPANSION]
ホームページ  http://www.spansion.com
Logo 

AM29BL162CB90RZI Datasheet(HTML) 9 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
July 8, 2005
Am29BL162C
7
DA T A
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
For information on full voltage range options (2.7 – 3.6 V),
please contact AMD.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29BL162C
B
65R
Z
I
TEMPERATURE RANGE
I = Industrial (–40
°C to +85°C)
E= Extended (–40°C to +125°C)
F= Industrial –40°C to +°85C) for Pb-free Package
K= Extended –55°C to +125°C) for Pb-free Package
PACKAGE TYPE
Z= 56-Pin Shrink Small Outline Package (SSOP 056)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
B= Bottom Sector
DEVICE NUMBER/DESCRIPTION
Am29BL162C
16 Megabit (1 M x 16-Bit)
CMOS 3.0 Volt-only High Performance Burst Mode Flash Memory
Valid Combinations
Am29BL162CB-65R
ZI, ZE, ZF, ZK
Am29BL162CB-70R
ZI, ZE, ZF, ZK
Am29BL162CB-90R
ZI, ZE, ZF, ZK
Am29BL162CB-120R
ZI, ZE, ZF, ZK


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
AM29PL320D32 Megabit 2 M x 16-Bit/1 M x 32-Bit CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM29BDS640G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM29PDLI27H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 1 2 3 4 5 MoreSPANSION
AM29PLI60C16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS323D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G16 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29N323D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643D64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

リンク URL