データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4113AK データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TPD4113AK
部品情報  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4113AK データシート(HTML) 4 Page - Toshiba Semiconductor

  TPD4113AK Datasheet HTML 1Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 2Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 3Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 4Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 5Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 6Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 7Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 8Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TENTATIVE
TPD4113AK
2005-05-20
4
Pin Description
Pin No.
Symbol
Pin Description
1
HU
The control terminal of IGBT by the side of U
top arm. It turns off more than by1.5V.
It turns on more than by 3.5V.
2
HV
The control terminal of IGBT by the side of V
top arm. It turns off more than by 1.5V.
It turns on more than by 3.5V.
3
HW
The control terminal of IGBT by the side of W top arm. It turns off more than by 1.5V.
It turns on more than by 3.5V.
4
LU
The control terminal of IGBT by the side of U
bottom arm. It turns off more than by1.5V.
It turns on more than by 3.5V.
5
LV
The control terminal of IGBT by the side of V
bottom arm. It turns off more than by 1.5V.
It turns on more than by 3.5V.
6
LW
The control terminal of IGBT by the side of W
bottom arm. It turns off more than by 1.5V.
It turns on more than by 3.5V.
7
IS1
IGBT emitter and FRD anode pin.
8
NC
Unused pin, which is not connected to the chip internally.
9
BSU
U-phase bootstrap capacitor connecting pin.
10
U
U-phase output pin.
11
VBB1
U and V-phase high-voltage power supply input pin.
12
BSV
V-phase bootstrap capacitor connecting pin.
13
V
V-phase output pin.
14
BSW
W-phase bootstrap capacitor connecting pin.
15
W
W-phase output pin.
16
VBB2
W-phase high-voltage power supply input pin.
17
NC
Unused pin, which is not connected to the chip internally.
18
IS2
IGBT emitter and FRD anode pin.
19
NC
Unused pin, which is not connected to the chip internally.
20
DIAG
With the diagnostic output terminal of open drain , a pull-up is carried out by resistance.
It turns it on at the time of unusual.
21
VCC
Control power supply pin.(15V typ.)
22
GND
Ground pin.
23
VREG
7V regulator output pin.


同様の部品番号 - TPD4113AK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4113AK TOSHIBA-TPD4113AK Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
TPD4113AK TOSHIBA-TPD4113AK_07 Datasheet
343Kb / 24P
   High Voltage Monolithic Silicon Power IC
More results

同様の説明 - TPD4113AK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4123AK TOSHIBA-TPD4123AK Datasheet
353Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4121K TOSHIBA-TPD4121K Datasheet
356Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4112K TOSHIBA-TPD4112K Datasheet
428Kb / 28P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4113K TOSHIBA-TPD4113K Datasheet
227Kb / 21P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124K TOSHIBA-TPD4124K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125AK TOSHIBA-TPD4125AK Datasheet
343Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4125K TOSHIBA-TPD4125K Datasheet
349Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4122K TOSHIBA-TPD4122K Datasheet
354Kb / 25P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4124AK TOSHIBA-TPD4124AK Datasheet
320Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4123K TOSHIBA-TPD4123K Datasheet
347Kb / 23P
   Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com