データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1988AJSTZ データシート(PDF) 8 Page - Analog Devices

部品番号 AD1988AJSTZ
部品情報  High Definition Audio SoundMAX짰 Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1988AJSTZ データシート(HTML) 8 Page - Analog Devices

Back Button AD1988AJSTZ Datasheet HTML 4Page - Analog Devices AD1988AJSTZ Datasheet HTML 5Page - Analog Devices AD1988AJSTZ Datasheet HTML 6Page - Analog Devices AD1988AJSTZ Datasheet HTML 7Page - Analog Devices AD1988AJSTZ Datasheet HTML 8Page - Analog Devices AD1988AJSTZ Datasheet HTML 9Page - Analog Devices AD1988AJSTZ Datasheet HTML 10Page - Analog Devices AD1988AJSTZ Datasheet HTML 11Page - Analog Devices AD1988AJSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD1988A/AD1988B
Rev. 0 | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
DVCORE
GPIO_0/VOLUME
DVI/O
DVSS
SDATA_OUT
BIT_CLK
DVSS
SDATA_IN
DVDD
SYNC
RESET
PCBEEP
PORT-D_L
SENSE_B/SRC_A
MIC_BIAS_FILT
MIC_BIAS/EAPD-D
MIC_BIAS-E
MIC_BIAS-F
MIC_BIAS/EAPD-C
MIC_BIAS-B
VREF_FILT
AVSS
AVDD
35
PORT-D_R
36
34
33
32
31
30
29
28
27
26
25
AD1988A/AD1988B
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 2. LFCSP_VQ Pin Configuration
48 47 46 45 44 43 42 41 40 39 38 37
35
PORT-D_L
34
SENSE_B/SRC_A
33
MIC_BIAS_FILT
30
MIC_BIAS-F
31
MIC_BIAS-E
32
MIC_BIAS/EAPD-D
36
PORT-D_R
29
MIC_BIAS/EAPD-C
28
MIC_BIAS-B
27
VREF_FILT
25
AVDD
26
AVSS
2
GPIO_0/VOLUME
3
DVI/O
4
DVSS
7
DVSS
6
BIT_CLK
5
SDATA_OUT
1
DVCORE
8
SDATA_IN
9
DVDD
10
SYNC
12
PCBEEP
11
13 14 15 16 17 18 19 20 21 22 23 24
PIN 1
AD1988A/AD1988B
TOP VIEW
(Not to Scale)
RESET
Figure 3. LFQP Pin Configuration
Table 5. Pin Function Descriptions
Mnemonic
Pin
Number
I/O
Description
DVCORE
1
O
Filter Connection for Internal Core Voltage Regulator. This pin must be connected to filter
capacitors: 10 μF, 1.0 μF, and 0.1 μF connected in parallel between Pin 1 and DVSS (Pin 4 and Pin 7).
GPIO_0/VOLUME
2
I/O
General-Purpose Input/Output Pin (Digital I/O). Digital signal used to control external circuitry.
Volume Control. When enabled, it can be used as an external volume control
DVIO
3
I
Link Digital I/O Voltage Reference. 3.3 V (±10%).
DVSS
4, 7
I
Digital Supply Return (Ground).
SDATA_OUT
5
I
Link Serial Data Output (Digital Interface). AD1988 input stream. Clocked on both edges of the
BIT_CLK.
BIT_CLK
6
O
Link Bit Clock (Digital Interface). 24.000 MHz serial data clock.
SDATA_IN
8
I/O
Link Serial Data Input (Digital Interface). AD1988 output stream. Clocked only on one edge of
BIT_CLK.
DVDD
9
I
Digital Supply Voltage 3.3 V ± 10%. This is regulated down to 1.9 V on Pin 1 to supply the internal
digital core internal to the AD1988.
SYNC
10
I
Link Frame Sync (Digital Interface). 48 kHz frame sync plus SDI stream IDs.
RESET
11
I
Link Reset (Digital Interface). AD1988 master hardware reset.
PCBEEP
12
I
Monaural Input from System for PCBEEP. Line level input.
SENSE_A/SRC_B
13
I/O
Jack Sense A to Jack Sense D Input/Sense B Drive.
PORT-E_L, PORT-E_R
14, 15
I/O
Left and Right Rear Panel Stereo Mic In/C/LFE (Analog Input/Output).
Input: line level input, supports microphones with MIC_BIAS and boost amplifiers.
Output: line level output.
PORT-F_L, PORT-F_R
16, 17
I/O
Left and Right Rear Panel Stereo Mic In/Surround Rear (Analog Input/Output).
Input: line level input, supports microphones with MIC_BIAS and boost amplifiers.
Output: line level output only.
CD_L, CD_R
18, 20
I
CD Audio Left Channel, CD Audio Right Channel.
CD_GND
19
I
CD Audio Analog Ground Reference (for Analog CD Input). Line level input only.
PORT-B_L, PORT-B_R
21, 22
I/O
Front Panel Stereo Mic In/Front Panel Headphones. Analog input/output.
Input: line level input, supports microphones with MIC Bias and boost amplifiers.
Output: line level output, capable of driving headphone load and power.


同様の部品番号 - AD1988AJSTZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1988A AD-AD1988A_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

同様の説明 - AD1988AJSTZ

メーカー部品番号データシート部品情報
logo
VIA Technologies, Inc.
VT1708B VIA-VT1708B Datasheet
1Mb / 92P
   High Definition Audio Codec
logo
List of Unclassifed Man...
VT1705 ETC-VT1705 Datasheet
896Kb / 99P
   High Definition Audio Codec
June 11, 2009
logo
VIA Technologies, Inc.
VT1708S VIA-VT1708S Datasheet
717Kb / 87P
   High Definition Audio Codec
logo
Analog Devices
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com