データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NCP2821 データシート(PDF) 12 Page - ON Semiconductor

部品番号 NCP2821
部品情報  2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2821 データシート(HTML) 12 Page - ON Semiconductor

Back Button NCP2821 Datasheet HTML 8Page - ON Semiconductor NCP2821 Datasheet HTML 9Page - ON Semiconductor NCP2821 Datasheet HTML 10Page - ON Semiconductor NCP2821 Datasheet HTML 11Page - ON Semiconductor NCP2821 Datasheet HTML 12Page - ON Semiconductor NCP2821 Datasheet HTML 13Page - ON Semiconductor NCP2821 Datasheet HTML 14Page - ON Semiconductor NCP2821 Datasheet HTML 15Page - ON Semiconductor NCP2821 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NCP2821
http://onsemi.com
12
DESCRIPTION INFORMATION
Detailed Description
The basic structure of the NCP2821 is composed of one
analog pre−amplifier, a pulse width modulator and an
H−bridge CMOS power stage. The first stage is externally
configurable with gain−setting resistor Ri and the internal
fixed feedback resistor Rf (the closed−loop gain is fixed by
the ratios of these resistors) and the other stage is fixed. The
load is driven differentially through two output stages.
The differential PWM output signal is a digital image of
the analog audio input signal. The human ear is a band pass
filter regarding acoustic waveforms, the typical values of
which are 20 Hz and 20 kHz. Thus, the user will hear only
the amplified audio input signal within the frequency range.
The switching frequency and its harmonics are fully filtered.
The inductive parasitic element of the loudspeaker helps to
guarantee a superior distortion value.
Power Amplifier
The output PMOS and NMOS transistors of the amplifier
have been designed to deliver the output power of the
specifications without clipping. The channel resistance
(Ron) of the NMOS and PMOS transistors is typically 0.3 W.
Turn On and Turn Off Transitions
In order to eliminate “pop and click” noises during
transition, the output power in the load must not be
established or cutoff suddenly. When a logic high is applied
to the shutdown pin, the internal biasing voltage rises
quickly and, 4 ms later, once the output DC level is around
the common mode voltage, the gain is established slowly
(5.0 ms). This method to turn on the device is optimized in
terms of rejection of “pop and click” noises. Thus, the total
turn on time to get full power to the load is 9 ms (typical)
(see Figure 35).
The device has the same behavior when it is turned−off by
a logic low on the shutdown pin. No power is delivered to the
load 5 ms after a falling edge on the shutdown pin
(see Figure 36). Due to the fast turn on and off times, the
shutdown signal can be used as a mute signal as well.
Shutdown Function
The device enters shutdown mode when the shutdown
signal is low. During the shutdown mode, the DC quiescent
current of the circuit does not exceed 1.5
mA.
Current Breaker Circuit
The maximum output power of the circuit corresponds to
an average current in the load of 820 mA.
In order to limit the excessive power dissipation in the
load if a short−circuit occurs, a current breaker cell shuts
down the output stage. The current in the four output MOS
transistors are real−time controlled, and if one current
exceeds the threshold set to 1.5 A, the MOS transistor is
opened and the current is reduced to zero. As soon as the
short−circuit is removed, the circuit is able to deliver the
expected output power.
This patented structure protects the NCP2821. Since it
completely turns off the load, it minimizes the risk of the
chip overheating which could occur if a soft current limiting
circuit was used.


同様の部品番号 - NCP2821

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820AFCT2G ONSEMI-NCP2820AFCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820D ONSEMI-NCP2820D Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1 ONSEMI-NCP2820FCT1 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
More results

同様の説明 - NCP2821

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com