データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC13007XP データシート(PDF) 8 Page - Motorola, Inc

部品番号 MC13007XP
部品情報  Monomax Black and White TV Subsystem
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13007XP データシート(HTML) 8 Page - Motorola, Inc

Back Button MC13007XP Datasheet HTML 2Page - Motorola, Inc MC13007XP Datasheet HTML 3Page - Motorola, Inc MC13007XP Datasheet HTML 4Page - Motorola, Inc MC13007XP Datasheet HTML 5Page - Motorola, Inc MC13007XP Datasheet HTML 6Page - Motorola, Inc MC13007XP Datasheet HTML 7Page - Motorola, Inc MC13007XP Datasheet HTML 8Page - Motorola, Inc MC13007XP Datasheet HTML 9Page - Motorola, Inc MC13007XP Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MC13001X MC13007X
8
MOTOROLA ANALOG IC DEVICE DATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V2
V4
V6
V7
I7
V8
I9
I10
I11
I12
V01
I01
I02
V02
10nF
10nF
10nF
10nF
180k
820
10nF
47k
470
82k
91k
10nF
10nF
V28
V27
I26
I22
I20
ICC
V17
100
56k
22k
0.1nF
0.1nF
Vreg
Vreg
12k
2.2k
50nF
470k
8.2k
220
12V
2.2nF
V21
12V
27k
750k
0.1
µF
12V
Vreg Source
8.2V
220
12V
120V
0.1nF
22k
330
5.0V
Flyback Pulse
6.6k
40
Detected
Video
36k
2.7k
12k
1.0k
10k
3.9k
8.0k
3.5k
250
500
Pin 19
Regulated
Supply
Blanking
2.5k
Video
Same as Pin 3
Same as Pin 2
Sync
Video
Vertical Sync
Integrated
Sync
100
4.7k
6.2V
5.0k
Vertical
Countdown
Regulated Supply
35k
100
10k
Horizontal
Supply
3.0k
3.0V
5.0k
300
AGC
Gate
470
+
0.1
µF
Figure 12. Test Circuit Diagram


同様の部品番号 - MC13007XP

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
MC13017P MOTOROLA-MC13017P Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13022A MOTOROLA-MC13022A Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
MC13022ADW MOTOROLA-MC13022ADW Datasheet
118Kb / 8P
   Advanced Medium Voltage AM Stereo Decoder
More results

同様の説明 - MC13007XP

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TA7243P TOSHIBA-TA7243P Datasheet
133Kb / 7P
   TV SOUND IF AND AUDIO OUTPUT SUBSYSTEM
logo
NXP Semiconductors
TDA4503 PHILIPS-TDA4503 Datasheet
881Kb / 14P
   SMALL-SIGINAL COMBINATION IC FOR BLACK-AND-WHITE TV
November 1984
logo
STMicroelectronics
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
List of Unclassifed Man...
TBA1440G ETC1-TBA1440G Datasheet
201Kb / 6P
   VIDEO IF IC FOR BLACK / WHITE AND COLOR TV SETS
CD7678CP ETC2-CD7678CP Datasheet
259Kb / 8P
   Black and white TV image sound system signal processing circuit
logo
NTE Electronics
NTE7018 NTE-NTE7018 Datasheet
45Kb / 6P
   Integrated Circuit Small-Signal Subsystem for Color TV
logo
NXP Semiconductors
TDA8303 PHILIPS-TDA8303 Datasheet
153Kb / 21P
   Small signal combination IC for black/white TV
July 1992
logo
CML Microcircuits
FX651 CMLMICRO-FX651 Datasheet
461Kb / 16P
   SPM and Security Subsystem
logo
KEC(Korea Electronics)
KTC3206 KEC-KTC3206 Datasheet
438Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAGE SWITCHING)
logo
Toshiba Semiconductor
2SC2229 TOSHIBA-2SC2229 Datasheet
189Kb / 3P
   TRANSISTOR (BLACK AND WHITE TV VIDEO OUTPUT, HIGH VOLTAHE SWITCHING, DRIVER STAGE AUDIO AMPLIFIER APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com