データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM340K127812P+ データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM340K127812P+
部品情報  3-Terminal Positive Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM340K127812P+ データシート(HTML) 4 Page - National Semiconductor (TI)

  LM340K127812P+ Datasheet HTML 1Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 2Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 3Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 4Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 5Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 6Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 7Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 8Page - National Semiconductor (TI) LM340K127812P+ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LM340A Electrical Characteristics (Continued)
I
OUT = 1A, 0˚C
≤ T
J
≤ + 125˚C (LM340A) unless otherwise specified (Note 4)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Min
Typ Max
Peak Output
Current
T
J = 25˚C
2.4
2.4
2.4
A
Average TC of
V
O
Min, T
J = 0˚C, IO = 5 mA
−0.6
−1.5
−1.8
mV/˚C
V
IN
Input Voltage
T
J = 25˚C
Required to
Maintain
7.5
14.5
17.5
V
Line Regulation
LM140 Electrical Characteristics (Note 4)
−55˚C
≤ T
J
≤ +150˚C unless otherwise specified
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min Typ
Max
Min
Typ
Max Min Typ
Max
V
O
Output Voltage
T
J = 25˚C, 5 mA
≤ I
O
≤ 1A
4.8
5
5.2
11.5
12
12.5 14.4
15
15.6
V
P
D
≤ 15W, 5 mA ≤ I
O
≤ 1A
4.75
5.25
11.4
12.6 14.25
15.75
V
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 20)
(15.5
≤ V
IN
≤ 27)
(18.5
≤ V
IN
30)
V
∆V
O
Line Regulation
I
O = 500 mA
T
J = 25˚C
3
50
4
120
4
150 mV
∆V
IN
(7
≤ V
IN
≤ 25)
(14.5
≤ V
IN
≤ 30)
(17.5
≤ V
IN
30)
V
−55˚C
≤ T
J
≤ +150˚C
50
120
150 mV
∆V
IN
(8
≤ V
IN
≤ 20)
(15
≤ V
IN
≤ 27)
(18.5
≤ V
IN
30)
V
I
O
≤ 1A
T
J = 25˚C
50
120
150 mV
∆V
IN
(7.5
≤ V
IN
≤ 20) (14.6 ≤ V
IN
≤ 27)
(17.7
≤ V
IN
30)
V
−55˚C
≤ T
J
≤ +150˚C
25
60
75
mV
∆V
IN
(8
≤ V
IN
≤ 12)
(16
≤ V
IN
≤ 22)
(20
≤ V
IN
≤ 26)
V
∆V
O
Load Regulation
T
J = 25˚C
5 mA
≤ I
O
≤ 1.5A
10
50
12
120
12
150 mV
250 mA
≤ I
P
≤ 750
mA
25
60
75
mV
−55˚C
≤ T
J
≤ +150˚C,
50
120
150 mV
5mA
≤ I
O
≤ 1A
I
Q
Quiescent Current
I
O
≤ 1A
T
J = 25˚C
6
6
6
mA
−55˚C
≤ T
J
≤ +150˚C
7
7
7
mA
∆I
Q
Quiescent Current
5 mA
≤ I
O
≤ 1A
0.5
0.5
0.5
mA
Change
T
J = 25˚C, IO
≤ 1A
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 20)
(15
≤ V
IN
≤ 27)
(18.5
≤ V
IN
30)
V
I
O = 500 mA, −55˚C
≤ T
J
≤ +150˚C
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 25)
(15
≤ V
IN
≤ 30)
(18.5
≤ V
IN
30)
V
V
N
Output Noise
Voltage
T
A = 25˚C, 10 Hz
≤ f ≤ 100 kHz
40
75
90
µV
www.national.com
4


同様の部品番号 - LM340K127812P+

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM340K-12 TI1-LM340K-12 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340K-12SL109342 TI1-LM340K-12SL109342 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340K-15 TI1-LM340K-15 Datasheet
963Kb / 19P
[Old version datasheet]   LM340/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5.0 TI1-LM340K-5.0 Datasheet
1Mb / 22P
[Old version datasheet]   Wide VIN 1.5-A Fixed Voltage Regulator
More results

同様の説明 - LM340K127812P+

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
logo
Sipex Corporation
SP7805V-L SIPEX-SP7805V-L Datasheet
391Kb / 10P
   3-Terminal Positive Regulators
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
   3-Terminal Positive Regulators
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com