データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BLF247B データシート(PDF) 2 Page - NXP Semiconductors

部品番号 BLF247B
部品情報  VHF push-pull power MOS transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF247B データシート(HTML) 2 Page - NXP Semiconductors

  BLF247B Datasheet HTML 1Page - NXP Semiconductors BLF247B Datasheet HTML 2Page - NXP Semiconductors BLF247B Datasheet HTML 3Page - NXP Semiconductors BLF247B Datasheet HTML 4Page - NXP Semiconductors BLF247B Datasheet HTML 5Page - NXP Semiconductors BLF247B Datasheet HTML 6Page - NXP Semiconductors BLF247B Datasheet HTML 7Page - NXP Semiconductors BLF247B Datasheet HTML 8Page - NXP Semiconductors BLF247B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
August 1994
2
Philips Semiconductors
Product specification
VHF push-pull power MOS transistor
BLF247B
FEATURES
• High power gain
• Easy power control
• Good thermal stability
• Withstands full load mismatch.
APPLICATIONS
• Large signal applications in the
VHF frequency range.
DESCRIPTION
Silicon N-channel enhancement
mode vertical D-MOS push-pull
transistor encapsulated in a 4-lead,
SOT262A1 balanced flange type
package with two ceramic caps. The
mounting flange provides the
common source connection for the
transistor.
PINNING - SOT262A1
PIN
DESCRIPTION
1
drain 1
2
drain 2
3
gate 1
4
gate 2
5
source
PIN CONFIGURATION
CAUTION
WARNING
The device is supplied in a antistatic package. The gate-source input must
be protected against static charge during transport or handling.
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided
that the BeO discs are not damaged. All persons who handle, use or dispose
of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to
the regulations applying at the location of the user. It must never be thrown
out with the general or domestic waste.
Fig.1 Simplified outline and symbol.
12
34
MAM098
Top view
55
d
g
s
d
g
QUICK REFERENCE DATA
RF performance at Th = 25 °C in a common source test circuit.
MODE OF OPERATION
f
(MHz)
VDS
(V)
PL
(W)
Gp
(dB)
ηD
(%)
CW, class-B
225
28
150
≥12
≥55


同様の部品番号 - BLF247B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BLF242 PHILIPS-BLF242 Datasheet
81Kb / 11P
   HF/VHF power MOS transistor
September 1992
BLF242 NXP-BLF242 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
New Jersey Semi-Conduct...
BLF242 NJSEMI-BLF242 Datasheet
147Kb / 4P
   HF/VHF power MOS transistor
logo
NXP Semiconductors
BLF2425M6L(S)180P NXP-BLF2425M6L(S)180P Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BLF2425M6L180P PHILIPS-BLF2425M6L180P_15 Datasheet
337Kb / 12P
   Power LDMOS transistor
Rev. 3-12 July 2013
More results

同様の説明 - BLF247B

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BLF245B PHILIPS-BLF245B Datasheet
94Kb / 12P
   VHF push-pull power MOS transistor
September 1992
BLF368 PHILIPS-BLF368 Datasheet
132Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF248_2015 JMNIC-BLF248_2015 Datasheet
89Kb / 13P
   VHF push-pull power MOS transistor
logo
eleflow technologies co...
BLF248 ELEFLOW-BLF248 Datasheet
90Kb / 2P
   VHF push-pull power MOS transistor
logo
Quanzhou Jinmei Electro...
BLF368_2015 JMNIC-BLF368_2015 Datasheet
112Kb / 16P
   VHF push-pull power MOS transistor
logo
NXP Semiconductors
BLF248 PHILIPS-BLF248 Datasheet
105Kb / 13P
   VHF push-pull power MOS transistor
September 1992
BLF378 PHILIPS-BLF378 Datasheet
134Kb / 16P
   VHF push-pull power MOS transistor
1998 Jul 29
logo
Quanzhou Jinmei Electro...
BLF278_2015 JMNIC-BLF278_2015 Datasheet
141Kb / 21P
   VHF push-pull power MOS transistor
BLF245B_2015 JMNIC-BLF245B_2015 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF245B JMNIC-BLF245B_15 Datasheet
103Kb / 16P
   VHF push-pull power MOS transistor
BLF246B JMNIC-BLF246B_15 Datasheet
99Kb / 16P
   VHF push-pull power MOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com