データシートサーチシステム |
|
SLC15B1300 データシート(PDF) 7 Page - ITT Industries |
|
SLC15B1300 データシート(HTML) 7 Page - ITT Industries |
7 / 16 page 10 www.ittcannon.com Dimensions shown in mm Specifications and dimensions subject to change Front-Face View 5 Position Side View Front-Face View 10 Position Snap-thru Receptacle* (Mates with SLC Type P) Housing Size Rating Part Number Description ØA ØB ØC ØD 5 5 A 098533-0000 SLC-5T5-00 37,21 (1.465) 24,13 (.950) 25,60 (1.008) 15,62 (.615) 5 13 A 098533-0001 SLC-5T13-00 36,96 (1.455) 23,75 (.935) 25,48 (1.003) 15,34 (.605) 10 5 A 098533-0002 SLC-10T5-00 47,62 (1.875) 31,24 (1.230) 35,05 (1.380) 20,19 (.795) 10 13 A 098533-0003 SLC-10T13-00 47,37 (1.865) 30,86 (1.215) 34,92 (1.375) 19,94 (.785) *Contact lead assemblies are customer terminated and installed. See page 14, part numbers 110238-0446, 110238-2004. Panel Section View Panel Rear Face View Snap/Clip-Lock Environmentally Sealed - Circular Receptacle, Snap-thru* (Type T) SLC-5, SLC-10 Cannon SLC/SLC-T/CLC |
同様の部品番号 - SLC15B1300 |
|
同様の説明 - SLC15B1300 |