データシートサーチシステム |
|
ADF4360-4 データシート(PDF) 4 Page - Analog Devices |
|
ADF4360-4 データシート(HTML) 4 Page - Analog Devices |
4 / 20 page ADL5370 Rev. 0 | Page 4 of 20 ABSOLUTE MAXIMUM RATINGS Table 2. Parameter Rating Supply Voltage VPOS 5.5 V IBBP, IBBN, QBBP, QBBN 0 V to 2 V LOIP and LOIN 13 dBm Internal Power Dissipation 1375 mW θJA (Exposed Paddle Soldered Down) 54°C/W Maximum Junction Temperature 159°C Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +150°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
同様の部品番号 - ADF4360-4 |
|
同様の説明 - ADF4360-4 |