データシートサーチシステム |
|
MTV1-40PBL6104 データシート(PDF) 3 Page - ITT Industries |
|
MTV1-40PBL6104 データシート(HTML) 3 Page - ITT Industries |
3 / 6 page CAV #1 SOCKET CAV #1 PIN Solder Cup Straight Terminals Right Angle Terminals .100" Spacing Staggered ALL EVEN NUMBERED CONTACTS .100 (2.54) .100 (2.54) AL57 .190 (4.83) AL61 .125 (3.18) Surface Mount Terminals .0120 (0.30) ± .001 (0.03) .010 (0.25) TYP .070 (1.78) .030 (0.76) .050 (1.27) MIN SOLDER DIPPED .025 (0.64) REF .160 (4.06) .140 (3.56) Right Angle Terminals .050" Centers .170 (4.32) MAX. .065 (1.65) MAX. .065 (1.65) MAX. .100 (2.54) .018 (1.65) ±.002 (0.5) BL57: .190 (4.83) BL61: .125 (3.18) MIN+ .015 (0.38) L1: .500 (12.7) L2: 1.00 (25.4) L57: .190 (4.83) L6: .125 (3.18) MIN+ .015 (0.38) .018 (.45) ±.002 (.05) Microstrips .050" Contact Spacing MT 50 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Connector Weights Contact (with std. 1/2” copper pigtails) .040 gms. MTB pin .021 gms. Insulator socket .006 gms. (per contact MTV pin .014 gms. cavity) socket .004 gms. Guide Stainless Post Steel .035 gms. Male .035 gms. Latch Female .074 gms. Terminal Dimensions |
同様の部品番号 - MTV1-40PBL6104 |
|
同様の説明 - MTV1-40PBL6104 |