データシートサーチシステム |
|
Y1011U2AF03NQE データシート(PDF) 7 Page - ITT Industries |
|
Y1011U2AF03NQE データシート(HTML) 7 Page - ITT Industries |
7 / 8 page M–9 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com M C&K Y Series 4, 5 & 6 Tumbler Switchlocks MOUNTING/LOCK STYLE CONTACT MATERIAL SEAL PANEL THICKNESS MOUNTING STYLES A, B LOCK TYPES C, R LOCK TYPES V, W LOCK TYPES D .065-.085 (1, 65-2, 16) .085-.105 (2, 16-2, 67) N .105 (2, 67) max. .195 (4, 95) max. .215 (5, 46) max. L .215 (5, 46) max. – R .125 (3, 18) max. .215 (5, 46) max. – AVAILABLE OPTION COMBINATIONS MOUNTING LOCK FINISHES LOCK TYPES MOUNTING STYLES 28 F A B C RV W D • • • • ••• • N • • • • ••• • R • •• • • L • •• • • • EPOXY .075 MAX. (1,91) E EPOXY SEAL NONE NO SEAL Mounting Information (All Models) * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. 1 CONTACTS & TERMINALS: Copper, with gold plate over nickel plate. 2 CONTACTS & TERMINALS: Copper, silver plated (std. with all termination options). 3 CONTACTS & TERMINALS: Copper, with gold plate over silver plate. All models with all options when ordered with ‘G’ or ‘Q’ contact material. CONTACT AND OPTION CODE TERMINAL MATERIAL RATING Q 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 AC V AC (UL/CSA). LOW LEVEL/DRY CIRCUIT B SILVER 2 POWER 0.4 VA MAX. @ 20 V AC or DC MAX RoHS COMPLIANT* RoHS COMPATIBLE* YES YES YES YES LOW LEVEL/DRY CIRCUIT OR POWER G YES YES GOLD 1 GOLD SILVER 3 0.4 VA MAX. @ 20 V AC or DC MAX. or 4 AMPS @ 125 V AC or 28 V DC; 2 AMPS @ 250 V AC (UL/CSA) |
同様の部品番号 - Y1011U2AF03NQE |
|
同様の説明 - Y1011U2AF03NQE |