データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADCMP602BRMZ-REEL7 データシート(PDF) 9 Page - Analog Devices

部品番号 ADCMP602BRMZ-REEL7
部品情報  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADCMP602BRMZ-REEL7 データシート(HTML) 9 Page - Analog Devices

Back Button ADCMP602BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 10Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 11Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 12Page - Analog Devices ADCMP602BRMZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 9 of 16
1.00V/DIV
M4.00ns
4.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140
OVERDRIVE (mV)
Figure 12. Propagation Delay vs. Input Overdrive at VCC = 2.5 V
Figure 15. 50 MHz Output Waveform VCC = 5.5 V
4.0
3.8
3.4
3.6
3.2
3.0
–0.6
0
0.6
1.2
1.8
2.4
3.0
COMMON-MODE VOLTAGE (V)
VCM AT VCC = 2.5V
RISE
FALL
500mV/DIV
M4.00ns
Figure16. 50 MHz Output Waveforms @ 2.5 V
Figure 13. Propagation Delay vs. Input Common-Mode Voltage
at VCC = 2.5 V
5.0
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
2.5
3.0
3.5
4.0
6.0
5.5
5.0
4.5
VCCO (V)
RISE
FALL
Figure 14. Propagation Delay vs. VCCO


同様の部品番号 - ADCMP602BRMZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADCMP602BRMZ-REEL7 AD-ADCMP602BRMZ-REEL7 Datasheet
291Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
More results

同様の説明 - ADCMP602BRMZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADCMP603 AD-ADCMP603 Datasheet
309Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608 AD-ADCMP608 Datasheet
246Kb / 16P
   Rail-to-Rail, Fast, Low Power, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
Rev. PrA
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. 0
ADCMP606 AD-ADCMP606_07 Datasheet
372Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. A
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Rev. PrA
ADCMP606_0610 AD-ADCMP606_0610 Datasheet
348Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
REV. 0
ADCMP604 AD-ADCMP604_07 Datasheet
392Kb / 16P
   Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
AD8468 AD-AD8468 Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
AD8468WBKSZ AD-AD8468WBKSZ Datasheet
233Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
ADCMP608BKSZ-REEL7 AD-ADCMP608BKSZ-REEL7 Datasheet
259Kb / 12P
   Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com