データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8505 データシート(PDF) 1 Page - Analog Devices

部品番号 ADD8505
部品情報  4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8505 データシート(HTML) 1 Page - Analog Devices

  ADD8505 Datasheet HTML 1Page - Analog Devices ADD8505 Datasheet HTML 2Page - Analog Devices ADD8505 Datasheet HTML 3Page - Analog Devices ADD8505 Datasheet HTML 4Page - Analog Devices ADD8505 Datasheet HTML 5Page - Analog Devices ADD8505 Datasheet HTML 6Page - Analog Devices ADD8505 Datasheet HTML 7Page - Analog Devices ADD8505 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-, 5-, 6-Channel, Muxed Input
Line Inversion LCD Gamma Buffers
ADD8504/ADD8505/ADD8506
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Single-supply operation: 3.3 V to 6.5 V
Rail-to-rail input, rail-to-rail output
High output current: 380 mA
Low supply current: 3.9 mA
Stable with 1 nF loads
Wide temperature range: −40°C to +105°C
16-, 20-, and 24-lead, Pb-free, TSSOP packages
APPLICATIONS
LCD line inversion gamma references
Car navigation panels
Personal media player panels
GENERAL DESCRIPTION
The ADD8504, ADD8505, and ADD8506 are 4-, 5-, and
6-channel LCD gamma reference buffers designed to drive
column driver gamma inputs in line inversion panels. Each
buffer channel has an A/B input to select between two gamma
voltage curves. These buffer channels drive the resistor ladders
of LCD column drivers for gamma correction. The ADD8504/
ADD8505/ADD8506 outputs have high slew rates and output
drives that increase the stability of the reference ladder resulting
in optimal gray scale and visual performance.
The ADD8504/ADD8505/ADD8506 are specified over the
−40°C to +105°C temperature range. They are available, respec-
tively, in 16-, 20-, and 24-lead thin shrink small outline (TSSOP),
surface-mount, Pb-free packages.
PIN CONFIGURATION DIAGRAMS
INA1
1
OUT1
16
INB1
2
OUT2
15
INA2
3
VCC1
14
INB2
4
A/B
13
INA3
5
GND
12
INB3
6
GND
11
INA4
7
OUT3
10
INB4
8
OUT4
9
Figure 1. ADD8504: 4-Channel Buffer
INA1
1
VCC1
20
INB1
2
OUT1
19
INA2
3
OUT2
18
INB2
4
OUT3
17
INA3
5
VCC2
16
INB3
6
A/B
15
INA4
7
GND
14
INB4
8
GND
13
INA5
9
OUT4
12
INB5 10
OUT5
11
Figure 2. ADD8505: 5-Channel Buffer
INA1
1
VCC1
24
INB1
2
OUT1
23
INA2
3
OUT2
22
INB2
4
OUT3
21
INA3
5
VCC2
20
INB3
6
A/B
19
INA4
7
GND
18
INB4
8
GND
17
INA5
9
OUT4
16
INB5 10
OUT5
15
INA6 11
OUT6
14
INB6 12
VCC3
13
Figure 3. ADD8506: 6-Channel Buffer


同様の部品番号 - ADD8505

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8505-EVAL AD-ADD8505-EVAL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8505WRUZ AD-ADD8505WRUZ Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8505WRUZ-REEL AD-ADD8505WRUZ-REEL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8505WRUZ-REEL7 AD-ADD8505WRUZ-REEL7 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
More results

同様の説明 - ADD8505

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506 AD-ADD8506 Datasheet
154Kb / 8P
   6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
REV. 0
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702_15 Datasheet
237Kb / 8P
   12-Channel Gamma Buffers with V Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
   12-Channel Gamma Buffers with Vcom Buffer
REV. 0
logo
Maxim Integrated Produc...
MAX9590 MAXIM-MAX9590 Datasheet
37Kb / 1P
   14 Programmable Gamma Reference Buffers with 4 Static References for TFT-LCD Displays
Rev 0; 4/06
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com