データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADG1433 データシート(PDF) 1 Page - Analog Devices

部品番号 ADG1433
部品情報  4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADG1433 データシート(HTML) 1 Page - Analog Devices

  ADG1433 Datasheet HTML 1Page - Analog Devices ADG1433 Datasheet HTML 2Page - Analog Devices ADG1433 Datasheet HTML 3Page - Analog Devices ADG1433 Datasheet HTML 4Page - Analog Devices ADG1433 Datasheet HTML 5Page - Analog Devices ADG1433 Datasheet HTML 6Page - Analog Devices ADG1433 Datasheet HTML 7Page - Analog Devices ADG1433 Datasheet HTML 8Page - Analog Devices ADG1433 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4 Ω RON, Triple/Quad SPDT
±15 V/+12 V/±5 V iCMOS® Switches
ADG1433/ADG1434
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
4.7 Ω maximum on resistance @ 25°C
0.5 Ω on resistance flatness
33 V supply maximum ratings
Fully specified at ±15 V/+12 V/±5 V
3 V logic compatible inputs
Rail-to-rail operation
Break-before-make switching action
16-/20-lead TSSOP and 4 mm × 4 mm LFCSP_VQ packages
APPLICATIONS
Relay replacement
Audio and video routing
Automatic test equipment
Data acquisition systems
Temperature measurement systems
Avionics
Battery-powered systems
Communication systems
Medical equipment
FUNCTIONAL BLOCK DIAGRAMS
IN1 IN2 IN3 EN
S1A
D1
S1B
S2B
D2
S2A
S3B
D3
S3A
LOGIC
ADG1433
SWITCHES SHOWN FOR
A “1” INPUT LOGIC.
Figure 1. ADG1433 TSSOP and LFCSP_VQ
S1A
D1
S1B
IN1
IN2
S2B
S2A
D2
S4A
D2
S4B
IN4
IN3
S3B
S3A
D3
ADG1434
SWITCHES SHOWN FOR
A “1” INPUT LOGIC.
S1A
D1
S1B
S2B
S2A
D2
S4A
D2
S4B
S3B
S3A
D3
ADG1434
SWITCHES SHOWN FOR
A “1” INPUT LOGIC.
IN1 IN2 IN3 IN4 EN
LOGIC
Figure 2. ADG1434 TSSOP
Figure 3. ADG1434 LFCSP_VQ
GENERAL DESCRIPTION
The ADG1433 and ADG1434 are monolithic industrial-CMOS
(iCMOS) analog switches comprising three independently
selectable single-pole, double-throw (SPDT) switches and four
independently selectable SPDT switches, respectively.
All channels exhibit break-before-make switching action that
prevents momentary shorting when switching channels. An EN
input on the ADG1433 (LFCSP and TSSOP packages) and
ADG1434 (LFCSP package only) is used to enable or disable the
device. When disabled, all channels are switched off.
The iCMOS modular manufacturing process combines high
voltage, complementary metal-oxide semiconductor (CMOS)
and bipolar technologies. It enables the development of a wide
range of high performance analog ICs capable of 33 V operation
in a footprint that no other generation of high voltage parts has
been able to achieve. Unlike analog ICs using conventional
CMOS processes, iCMOS components can tolerate high supply
voltages while providing increased performance, dramatically
lower power consumption, and reduced package size.
The ultralow on resistance and on resistance flatness of these
switches make them ideal solutions for data acquisition and gain
switching applications, where low distortion is critical. iCMOS
construction ensures ultralow power dissipation, making the parts
ideally suited for portable and battery-powered instruments.
PRODUCT HIGHLIGHTS
1.
4.7 Ω maximum on resistance.
2.
0.5 Ω on resistance flatness.
3.
3 V logic compatible digital input VIH = 2.0 V, VIL = 0.8 V.
4.
16-/20-lead TSSOP and 4 mm × 4 mm LFCSP_VQ packages.


同様の部品番号 - ADG1433

メーカー部品番号データシート部品情報
logo
Analog Devices
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EP AD-ADG1436TRUZ-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436TRUZ-EPR7 AD-ADG1436TRUZ-EPR7 Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1436YCPZ-500RL7 AD-ADG1436YCPZ-500RL7 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
More results

同様の説明 - ADG1433

メーカー部品番号データシート部品情報
logo
Analog Devices
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1334 AD-ADG1334_15 Datasheet
318Kb / 12P
   Quad SPDT 15 V/12 V Switches
REV. 0
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG1233 AD-ADG1233 Datasheet
460Kb / 16P
   Low Capacitance, Triple/Quad SPDT -15 V/12 V i CMOS Switches
REV. A
ADG2412 AD-ADG2412 Datasheet
1,021Kb / 21P
   0.5 Ω RON, ±15 V, 12 V, ±5 V, 5 V/–12 V, Quad SPST Switch
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1409 AD-ADG1409_15 Datasheet
459Kb / 20P
   4 RON, 4/8 Channel 15 V/12 V/5 V CMOS Multiplexers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com