データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS51024A データシート(PDF) 5 Page - ON Semiconductor

部品番号 CS51024A
部品情報  Enhanced Current Mode PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51024A データシート(HTML) 5 Page - ON Semiconductor

  CS51024A Datasheet HTML 1Page - ON Semiconductor CS51024A Datasheet HTML 2Page - ON Semiconductor CS51024A Datasheet HTML 3Page - ON Semiconductor CS51024A Datasheet HTML 4Page - ON Semiconductor CS51024A Datasheet HTML 5Page - ON Semiconductor CS51024A Datasheet HTML 6Page - ON Semiconductor CS51024A Datasheet HTML 7Page - ON Semiconductor CS51024A Datasheet HTML 8Page - ON Semiconductor CS51024A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CS51021A, CS51022A, CS51023A, CS51024A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (Unless otherwise stated, specifications apply for −40
°C < TA < 85°C, −40°C < TJ < 150°C,
3.0 V < VC < 20 V, 8.2 V < VCC < 20 V, RT = 12 kW, CT = 390 pF)
Characteristic
Unit
Max
Typ
Min
Test Conditions
Current Sense
OFFSET Voltage
(Note 4)
0.09
0.10
0.11
V
Blanking Time
55
160
ns
Blanking Disable Voltage
Adjust VFB
1.8
2.0
2.2
V
Second Current Threshold Gain
1.21
1.33
1.45
V/V
ISENSE Input Resistance
5.0
k
W
Minimum On Time
GATE High to Low
30
70
110
ns
Gain
(Note 4)
0.78
0.80
0.82
V/V
OV & UV Voltage Monitors
OV Monitor Threshold
2.4
2.5
2.6
V
OV Hysteresis Current
−10
−12.5
−15
mA
UV Monitor Threshold
1.38
1.45
1.52
V
UV Monitor Hysteresis
25
75
100
mV
SOFT START (SS)
Charge Current
SS = 2.0 V
−70
−55
−40
mA
Discharge Current
SS = 2.0 V
250
1000
mA
Charge Voltage, VSS
4.4
4.7
5.0
V
Discharge Voltage, VSS
0.25
0.27
0.30
V
4. Guaranteed by design, not 100% tested in production.
PACKAGE PIN DESCRIPTION
PIN #
PIN SYMBOL
FUNCTION
16 Lead SO Narrow
1
GATE
External power switch driver with 1.0 A peak capability.
2
ISENSE
Current sense amplifier input.
3
SYNC (CS51021A/3A)
Bi−directional synchronization. Locks to the highest frequency.
3
SLEEP (CS51022A/4A)
Active high chip disable. In sleep mode, VREF and GATE are turned off.
4
SLOPE
Additional slope to the current sense signal. Internal current source charges the external capacitor.
5
UV
Undervoltage protection monitor.
6
OV
Overvoltage protection monitor.
7
RTCT
Timing resistor RT and capacitor CT determine oscillator frequency and maximum duty cycle, DMAX.
8
ISET
Voltage at this pin sets pulse−by−pulse overcurrent threshold, and second threshold (1.33 times
higher) with Soft Start retrigger (hiccup mode).
9
VFB
Feedback voltage input. Connected to the error amplifier inverting input.
10
COMP
Error amplifier output. Frequency compensation network is usually connected between COMP and
VFB pins.
11
SS
Charging external capacitor restricts error amplifier output voltage during the start or fault
conditions (hiccup).
12
LGND
Logic ground.
13
VREF
5.0 V reference voltage output.
14
VCC
Logic supply voltage.
15
PGND
Output power stage ground connection.
16
VC
Output power stage supply voltage.


同様の部品番号 - CS51024A

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS51024 CHERRY-CS51024 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51024ED16 CHERRY-CS51024ED16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
CS51024EDR16 CHERRY-CS51024EDR16 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
More results

同様の説明 - CS51024A

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221 ONSEMI-CS51221_09 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com