データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM3491ARZ-REEL7 データシート(PDF) 6 Page - Analog Devices

部品番号 ADM3491ARZ-REEL7
部品情報  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM3491ARZ-REEL7 データシート(HTML) 6 Page - Analog Devices

Back Button ADM3491ARZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM3491ARZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 6 of 20
TIMING SPECIFICATIONS—ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
VCC = 3.3 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RECEIVER
Time to Shutdown (tSHDN)
ADM3483/ADM3485/ADM34911
80
190
300
ns
Propagation Delay, Low-to-High Level (tRPLH)
ADM3485/ADM3490/ADM3491
25
65
90
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14 and Figure 20)
ADM3483/ADM3488
25
75
120
ns
Propagation Delay, High-to-Low Level (tRPHL)
ADM3485/ADM3490/ADM3491
25
65
90
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14 and Figure 20)
ADM3483/ADM3488
25
75
120
ns
|tPLH – tPHL| Propagation Delay Skew (tRPDS)
ADM3485/ADM3490/ADM3491
10
ns
VID = 0 V to 3.0 V, CL = 15 pF (see Figure 14 and Figure 20)
ADM3483/ADM3488
20
ns
RECEIVER OUTPUT ENABLE/DISABLE TIMES
(ADM3483/ADM3485/ADM3491 ONLY)
Output Enable Time to Low Level (tPRZL)
25
50
ns
CL = 15 pF (see Figure 15 and Figure 21)
Output Enable Time to High Level (tPRZH)
25
50
ns
CL = 15 pF (see Figure 15 and Figure 21)
Output Disable Time from High Level (tPRHZ)
25
45
ns
CL = 15 pF (see Figure 15 and Figure 21)
Output Disable Time from Low Level (tPRLZ)
25
45
ns
CL = 15 pF (see Figure 15 and Figure 21)
Output Enable Time from Shutdown to
Low Level (tPRSL)
720
1400
ns
CL = 15 pF (see Figure 15 and Figure 21)
Output Enable Time from Shutdown to
High Level (tPRSH)
720
1400
ns
CL = 15 pF (see Figure 15 and Figure 21)
1 The transceivers are put into shutdown by bringing the RE high and DE low. If the inputs are in this state for less than 80 ns, the parts are guaranteed not to enter
shutdown. If the parts are in this state for 300 ns or more, the parts are guaranteed to enter shutdown.


同様の部品番号 - ADM3491ARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3491ARZ-REEL7 AD-ADM3491ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results

同様の説明 - ADM3491ARZ-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com