データシートサーチシステム |
|
NB2669A データシート(PDF) 3 Page - ON Semiconductor |
|
NB2669A データシート(HTML) 3 Page - ON Semiconductor |
3 / 8 page NB2669A http://onsemi.com 3 Figure 3. Modulation Profile Table 3. MAXIMUM RATINGS Symbol Description Rating Unit VDD, VIN Voltage on any pin with respect to Ground 0.5 to + 7.0 V TSTG Storage Temperature −65 to +125 °C TA Operating Temperature 0 to 70 °C Ts Max. Soldering Temperature (10 sec) 260 °C TJ Junction Temperature 150 °C TDV Static Discharge Voltage (As per MIL−STD−883, Method 3015) 2 kV Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. |
同様の部品番号 - NB2669A |
|
同様の説明 - NB2669A |