データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC68340 データシート(PDF) 100 Page - Freescale Semiconductor, Inc

部品番号 MC68340
部品情報  Integrated Processor with DMA User?셲 Manual
Download  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 データシート(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 99Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 100Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 101Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 3
.
MC68340
RELOCATABLE
MODULE
BLOCK
RAM
(TYPICAL)
$00000000
$XXXXXFFF
MBAR
($0003FF00
FC=0111)
$XXXXX000
$FFF
$07F
$000
$FFFFFFFF
NOTE: $XXXXX is the value contained in the MBAR bits BA31-BA12.
DMA
SERIAL PORTS
TIMER MODULES
SIM 40
$7BF
$780
$721
$67F
$600
$700
Figure 4-1. SIM40 Module Register Block
4.2.2 System Configuration and Protection Operation
The SIM40 allows the user to control certain features of system configuration by writing
bits in the module configuration register (MCR). This register also contains read-only
status bits that show the state of the SIM40.
All M68000 family members are designed to provide maximum system safeguards. As an
extension of the family, the MC68340 promotes the same basic concepts of safeguarded
design present in all M68000 members. In addition, many functions that normally must be
provided by external circuits are incorporated in this device. The following features are
provided in the system configuration and protection function:
SIM40 Module Configuration
The SIM40 allows the user to configure the system to the particular requirements. The
functions include control of FREEZE and show cycle operation, the function of the
CS
signals, the access privilege of the supervisor/user registers, the level of interrupt
arbitration, and automatic vectoring for external interrupts.
Reset Status
The reset status register provides the user with information on the cause of the most
recent reset. The possible causes of reset include: external, power-up, software
watchdog, double bus fault, loss of clock, and RESET instruction.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC68340

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC68340 MOTOROLA-MC68340 Datasheet
701Kb / 24P
   Integrated Processor Unit
MC68340 MOTOROLA-MC68340 Datasheet
2Mb / 962P
   QUad Integrated Communications Controller Users Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
52Kb / 10P
   Integrated Processor With DMA
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340 FREESCALE-MC68340 Datasheet
220Kb / 10P
   Integrated Processor With DMA
More results

同様の説明 - MC68340

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Freescale Semiconductor...
11242 FREESCALE-11242 Datasheet
2Mb / 441P
   Integrated Processor with DMA User s Manual
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340CAB16E FREESCALE-MC68340CAB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA Users Manual
logo
Motorola, Inc
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
logo
Freescale Semiconductor...
MC68340AG16E FREESCALE-MC68340AG16E Datasheet
220Kb / 10P
   Integrated Processor With DMA
logo
Motorola, Inc
MC68340P MOTOROLA-MC68340P Datasheet
52Kb / 10P
   Integrated Processor With DMA
logo
Freescale Semiconductor...
MC68340FT16E FREESCALE-MC68340FT16E Datasheet
52Kb / 10P
   Integrated Processor With DMA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com