データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S1205 データシート(PDF) 1 Page - Analog Devices

部品番号 AD2S1205
部品情報  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 データシート(HTML) 1 Page - Analog Devices

  AD2S1205 Datasheet HTML 1Page - Analog Devices AD2S1205 Datasheet HTML 2Page - Analog Devices AD2S1205 Datasheet HTML 3Page - Analog Devices AD2S1205 Datasheet HTML 4Page - Analog Devices AD2S1205 Datasheet HTML 5Page - Analog Devices AD2S1205 Datasheet HTML 6Page - Analog Devices AD2S1205 Datasheet HTML 7Page - Analog Devices AD2S1205 Datasheet HTML 8Page - Analog Devices AD2S1205 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
12-Bit R/D Converter
with Reference Oscillator
Preliminary Technical Data
AD2S1205
Rev. PrB_10/06
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Complete monolithic R/D converter
Parallel and serial 12-bit data ports
System fault detection
Absolute position and velocity outputs
Differential inputs
±11 arc minutes of accuracy
1,250 rps maximum tracking rate, 12-bit resolution
Incremental encoder emulation (1,024 pulses/rev)
Programmable sinusoidal oscillator on-board
Compatible with DSP and SPI® interface standards
204.8 kHz square wave output
Single-supply operation (5.00 V ± 5%)
−40°C to +125°C temperature rating
44-lead LQFP package
4 kV ESD protection
GENERAL DESCRIPTION
The AD2S1205 is a complete 12-bit resolution tracking
resolver-to-digital converter, integrating an on-board
programmable sinusoidal oscillator that provides sine wave
excitation for resolvers. An external crystal is recommended to
provide a precision time reference.
The converter accepts 3.15 V p-p ± 27% input signals, in the
range of 10 kHz to 20 kHz on the Sin and Cos inputs. A Type II
servo loop is employed to track the inputs and convert the input
Sin and Cos information into a digital representation of the
input angle and velocity. The maximum tracking rate of the
converter is set internally by the input clock frequency. The
nominal clock frequency is 8.192MHz which allows a tracking
rate of 1,000rps. However by increasing the clock frequency to
10.24MHz a maximum tracking rate of 1,250 rps can be
achieved.
FUNCTIONAL BLOCK DIAGRAM
REFERENCE
OSCILLATOR
(DAC)
ADC
ADC
EXCITATION
OUTPUTS
POSITION REGISTER
RESET
DATA I/O
AD2S1205
ENCODER
EMULATION
SYNTHETIC
REFERENCE
VOLTAGE
REFERENCE
INTERNAL
CLOCK
GENERATOR
FAULT
DETECTION
TYPE II TRACKING LOOP
VELOCITY REGISTER
MULTIPLEXER
DATA BUS OUTPUT
INPUTS
FROM
RESOLVER
FAULT
DETECTION
OUTPUTS
ENCODER
EMULATION
OUTPUTS
CRYSTAL
REFERENCE
PINS
Figure 1.


同様の部品番号 - AD2S1205

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

同様の説明 - AD2S1205

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com