データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD2S1205 データシート(PDF) 16 Page - Analog Devices

部品番号 AD2S1205
部品情報  12-Bit R/D Converter with Reference Oscillator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD2S1205 データシート(HTML) 16 Page - Analog Devices

Back Button AD2S1205 Datasheet HTML 12Page - Analog Devices AD2S1205 Datasheet HTML 13Page - Analog Devices AD2S1205 Datasheet HTML 14Page - Analog Devices AD2S1205 Datasheet HTML 15Page - Analog Devices AD2S1205 Datasheet HTML 16Page - Analog Devices AD2S1205 Datasheet HTML 17Page - Analog Devices AD2S1205 Datasheet HTML 18Page - Analog Devices AD2S1205 Datasheet HTML 19Page - Analog Devices AD2S1205 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Rev. PrB_10/06
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
INCREMENTAL ENCODER OUTPUTS
The incremental encoder emulation outputs A, B, and NM are
free running and are always valid, providing that valid resolver
format input signals are applied to the converter.
The AD2S1205 emulates a 1024-line encoder. Relating this to
converter resolution means one revolution produces 1,024 A, B
pulses. A leads B for increasing angular rotation (i.e., clockwise
direction). The addition of the DIR output negates the need for
external A and B direction decode logic. The DIR output
indicates the direction of the input rotation and it is high for
increasing angular rotation. DIR can be considered as an
asynchronous output and can make multiple changes in state
between two consecutive LSB update cycles. This occurs when
the direction of rotation of the input changes but the magnitude
of the rotation is less than 1 LSB.
The north marker pulse is generated as the absolute angular
position passes through zero. The north marker pulse width is
set internally for 90° and is defined relative to the A cycle.
Figure 9 details the relationship between A, B, and NM.
A
B
NM
Figure 9. A, B, and NM Timing for Clockwise Rotation
Unlike incremental encoders, the AD2S1205 encoder output is
not subject to error specifications such as cycle error, eccentric-
ity, pulse and state width errors, count density, and phase ϕ. The
maximum speed rating, n, of an encoder is calculated from its
maximum switching frequency, fMAX, and its pulses per revo-
lution (PPR).
PPR
f
n
MAX
×
=
60
The AD2S1205 A, B pulses are initiated from XTALOUT, which
has a frequency of 4.096 MHz. The equivalent encoder
switching frequency is
)
1
4
(
024
.
1
096
.
4
4
/
1
Pulse
Updates
MHz
MHz
=
=
×


同様の部品番号 - AD2S1205

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1205 AD-AD2S1205 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205WSTZ AD-AD2S1205WSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205YSTZ AD-AD2S1205YSTZ Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
More results

同様の説明 - AD2S1205

メーカー部品番号データシート部品情報
logo
Analog Devices
AD2S1200 AD-AD2S1200 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_15 Datasheet
396Kb / 24P
   12-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1200 AD-AD2S1200_17 Datasheet
414Kb / 25P
   12-Bit R/D Converter Reference Oscillator
AD2S1210 AD-AD2S1210 Datasheet
513Kb / 36P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1210SST-EP-RL7 AD-AD2S1210SST-EP-RL7 Datasheet
345Kb / 16P
   Variable Resolution, 10-Bit to 16-Bit R/D Converter with Reference Oscillator
REV. 0
AD2S1205 AD-AD2S1205_17 Datasheet
341Kb / 21P
   12-Bit RDC with Reference Oscillator
ADW71205WSTZ AD-ADW71205WSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
ADW71205YSTZ AD-ADW71205YSTZ Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
AD2S1205 AD-AD2S1205_15 Datasheet
327Kb / 20P
   12-Bit RDC with Reference Oscillator
REV. A
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com