データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM3201ARZ-RL7 データシート(PDF) 7 Page - Analog Devices

部品番号 ADUM3201ARZ-RL7
部品情報  Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM3201ARZ-RL7 データシート(HTML) 7 Page - Analog Devices

Back Button ADUM3201ARZ-RL7 Datasheet HTML 3Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 4Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 5Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 6Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 7Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 8Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 9Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 10Page - Analog Devices ADUM3201ARZ-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADuM3200/ADuM3201
Rev. 0 | Page 7 of 20
ELECTRICAL CHARACTERISTICS—MIXED 5 V/3 V OR 3 V/5 V OPERATION
All voltages are relative to their respective ground. 5 V/3 V operation: 4.5 V ≤ VDD1 ≤ 5.5 V, 2.7 V ≤ VDD2 ≤ 3.6 V. 3 V/5 V operation:
2.7 V ≤ VDD1 ≤ 3.6 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications apply over the entire recommended operating range,
unless otherwise noted. All typical specifications are at TA = 25°C; VDD1 = 3.0 V, VDD2 = 5.0 V; or VDD1 = 5.0 V, VDD2 = 3.0 V.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, per Channel, Quiescent
IDDI (Q)
5 V/3 V Operation
0.4
0.8
mA
3 V/5 V Operation
0.3
0.5
mA
Output Supply Current, per Channel, Quiescent
IDDO (Q)
5 V/3 V Operation
0.3
0.5
mA
3 V/5 V Operation
0.5
0.6
mA
ADuM3200, Total Supply Current, Two Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.3
1.7
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.8
1.3
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.7
1.0
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.0
1.6
mA
DC to 1 MHz logic signal freq.
10 Mbps (BR and CR Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
3.5
4.6
mA
5 MHz logic signal freq.
3 V/5 V Operation
2.0
3.2
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.1
1.7
mA
5 MHz logic signal freq.
3 V/5 V Operation
1.7
2.8
mA
5 MHz logic signal freq.
25 Mbps (CR Grade Only)
VDD1 Supply Current
IDD1 (25)
5 V/3 V Operation
7.7
10.0
mA
12.5 MHz logic signal freq.
3 V/5 V Operation
4.3
6.4
mA
12.5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (25)
5 V/3 V Operation
1.8
2.4
mA
12.5 MHz logic signal freq.
3 V/5 V Operation
3.1
3.9
mA
12.5 MHz logic signal freq.
ADuM3201, Total Supply Current, Two Channels1
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
5 V/3 V Operation
1.1
1.5
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
0.7
1.3
mA
DC to 1 MHz logic signal freq.
VDD2 Supply Current
IDD2 (Q)
5 V/3 V Operation
0.8
1.6
mA
DC to 1 MHz logic signal freq.
3 V/5 V Operation
1.3
1.8
mA
DC to 1 MHz logic signal freq.
10 Mbps (BR and CR Grades Only)
VDD1 Supply Current
IDD1 (10)
5 V/3 V Operation
2.6
3.4
mA
5 MHz logic signal freq.
3 V/5 V Operation
1.5
2.1
mA
5 MHz logic signal freq.
VDD2 Supply Current
IDD2 (10)
5 V/3 V Operation
1.9
2.4
mA
5 MHz logic signal freq.
3 V/5 V Operation
3.1
4.0
mA
5 MHz logic signal freq.


同様の部品番号 - ADUM3201ARZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3201ARZ-RL7 AD-ADUM3201ARZ-RL7 Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
More results

同様の説明 - ADUM3201ARZ-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3200 AD-ADUM3200_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3400 AD-ADUM3400 Datasheet
519Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. 0
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com