データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADUM3301BRWZ データシート(PDF) 10 Page - Analog Devices

部品番号 ADUM3301BRWZ
部品情報  Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADUM3301BRWZ データシート(HTML) 10 Page - Analog Devices

Back Button ADUM3301BRWZ Datasheet HTML 6Page - Analog Devices ADUM3301BRWZ Datasheet HTML 7Page - Analog Devices ADUM3301BRWZ Datasheet HTML 8Page - Analog Devices ADUM3301BRWZ Datasheet HTML 9Page - Analog Devices ADUM3301BRWZ Datasheet HTML 10Page - Analog Devices ADUM3301BRWZ Datasheet HTML 11Page - Analog Devices ADUM3301BRWZ Datasheet HTML 12Page - Analog Devices ADUM3301BRWZ Datasheet HTML 13Page - Analog Devices ADUM3301BRWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADuM3300/ADuM3301
Rev. 0 | Page 10 of 20
PACKAGE CHARACTERISTICS
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Resistance (Input to Output)1
RI-O
1012
Ω
Capacitance (Input to Output)1
CI-O
2.2
pF
f = 1 MHz
Input Capacitance2
CI
4.0
pF
IC Junction-to-Case Thermal Resistance, Side 1
θJCI
33
°C/W
IC Junction-to-Case Thermal Resistance, Side 2
θJCO
28
°C/W
Thermocouple located at
center of package underside
1 Device considered a 2-terminal device; Pin 1, Pin 2, Pin 3, Pin 4, Pin 5, Pin 6, Pin 7, and Pin 8 shorted together and Pin 9, Pin 10, Pin 11, Pin 12, Pin 13, Pin 14, Pin 15, and
Pin 16 shorted together.
2 Input capacitance is from any input data pin to ground.
REGULATORY INFORMATION
The ADuM330x is approved by the organizations listed in Table 5.
Table 5.
UL1
CSA
VDE2
Recognized under 1577 component
recognition program1
Approved under CSA
Component Acceptance Notice #5A
Certified according to
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-012
Double/reinforced insulation,
2500 V rms isolation voltage
Reinforced insulation per
CSA 60950-1-03 and IEC 60950-1,
400 V rms maximum working voltage
Basic insulation, 560 V peak
Complies with
DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01,
DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000
Reinforced insulation, 560 V peak
File E214100
File 205078
File 2471900-4880-0001
1 In accordance with UL1577, each ADuM330x is proof tested by applying an insulation test voltage ≥3000 V rms for 1 sec (current leakage detection limit = 5 μA).
2 In accordance with DIN EN 60747-5-2, each ADuM330x is proof tested by applying an insulation test voltage ≥1050 V peak for 1 sec (partial discharge detection limit =
5 pC). The * marking branded on the component designates DIN EN 60747-5-2 approval.
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 6.
Parameter
Symbol
Value
Unit
Conditions
Rated Dielectric Insulation Voltage
2500
V rms 1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
7.7 min
mm
Measured from input terminals to output terminals,
shortest distance through air
Minimum External Tracking (Creepage)
L(I02)
8.1 min
mm
Measured from input terminals to output terminals,
shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


同様の部品番号 - ADUM3301BRWZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3301BRWZ AD-ADUM3301BRWZ Datasheet
253Kb / 8P
   ESD/Latch-Up Considerations with iCoupler짰 Isolation Products
REV. 0
ADuM3301BRWZ AD-ADuM3301BRWZ Datasheet
349Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. B
More results

同様の説明 - ADUM3301BRWZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADUM3300 AD-ADUM3300_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3301 AD-ADUM3301_15 Datasheet
386Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3301CRWZ-RL AD-ADUM3301CRWZ-RL Datasheet
349Kb / 20P
   Triple-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. B
ADUM3401 AD-ADUM3401_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3210 AD-ADUM3210_09 Datasheet
523Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3200CRZ AD-ADUM3200CRZ Datasheet
467Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
REV. C
ADUM3210 AD-ADUM3210_11 Datasheet
390Kb / 20P
   Dual-Channel Digital Isolators, Enhanced System-Level ESD Reliability
Rev. E
ADUM3201 AD-ADUM3201_15 Datasheet
449Kb / 20P
   Dual-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. D
ADUM3400 AD-ADUM3400_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
ADUM3402 AD-ADUM3402_15 Datasheet
436Kb / 24P
   Quad-Channel, Digital Isolators, Enhanced System-Level ESD Reliability
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com