データシートサーチシステム |
|
MC145004 データシート(PDF) 7 Page - Motorola, Inc |
|
MC145004 データシート(HTML) 7 Page - Motorola, Inc |
7 / 14 page MC145003 • MC145004 7 MOTOROLA VDD Positive Power Supply (Pin 49) This pin supplies power to the main processor interface and logic portions of the device. The voltage range is 2.8 to 5.5 V with respect to the VSS pin. For optimum performance, VDD should be bypassed to VSS using a low inductance capacitor mounted very closely to these pins. Lead length on this capacitor should be minimized. VSS Ground (Pin 21) Common ground. DATA INPUT PROTOCOL Two–wire communication bus DCLK, Din; three–wire com- munication bus DCLK, Din, ENB. MC145003 — SPI DEVICE (FIGURE 7) Before communication with an MC145003 can begin, a start condition must be set up on the bus by the transmitter. To establish a start condition, the transmitter must pull the data line low while the clock line is high. The “idle” state for the clock line and data line is the high state. After the start condition has been established, an eight–bit address should be sent by the transmitter. If the address sent corresponds to the address of (one of) the MC145003(s) then on each successive clock pulse, the addressed device will accept a data bit. If the ENB pin is permanently high, then the addressed MC145003’s internal counter latches the data to be displayed after 128 data bits have been received. Otherwise, the control of this latch function may be overridden by holding the ENB line low until the new data is required to be displayed, then a high pulse should be sent on the ENB line. The high pulse must be sent during DCLK high (clock idle). To end communication with an MC145003, a stop condition should be set up on the bus (or another start condition may be set up if another communication is desired). Note that the communication channel to an addressed device may be left open after the 128 data bits have been sent by not setting up a stop or a start condition. In such a case, the 129th rising DCLK edge, which normally would be used to set up the stop or start condition, is ignored by the MC145003 and data con- tinues to be received on the 130th rising DCLK. The latch func- tion continues to work as normal (i.e., data is be latched either after each block of 128 data bits has been received or under external control as required). At any time during data transmission, the transfer may be interrupted with a stop condition. Data transmission may be resumed with a start condition and resending the address. Interfacing the MC145003 with the MC6805 family The MC145003 performs as a slave receiver in an SPI envi- ronment if the clock idle state has been defined to be “high” (SPICR5 = 1). In three–wire or four–wire SPI environments, the slave select wire (SPISS) can be used for the ENB pin on the MC145003 as described above. Note that in full duplex SPI environments, MC145003 only receives data, it does not re–transmit data. MC145004 — IIC DEVICE (FIGURE 8) Before communication with an MC145004 can begin, a start condition must be set up on the bus by the controller. To estab- lish a start condition, the controller must pull the data line low while the clock line is high. After the start condition has been established, an eight–bit address should be sent by the controller followed by an extra clock pulse while the data line is left high. In this option, only the seven most significant bits of the address are used to uniquely define devices on the bus, the least significant bit is used as a read/write control: if the least significant bit is 0, then the controller writes to the LCD driver; if it is 1, then the con- troller reads from the LCD driver’s 128–bit shift register on a first–in first–out basis. If the seven most significant address bits sent correspond to the address of (one of) the LCD driv- er(s) then the addressed LCD driver responds by sending an “acknowledge” bit back to the controller (i.e., the LCD driver pulls the data line low during the extra clock pulse supplied by the controller). If the least significant address bit was 0, then the controller should continue to send data to the LCD driver in blocks of eight bits followed by an extra ninth clock pulse to allow the LCD driver to pull the data line Din low as an acknowl- edgement. If the least significant address bit was 1, then the LCD driver sends data back to the controller (the clock is sup- plied by the controller). After each successive group of eight bits sent, the LCD driver leaves the data line high for one pulse. If the ENB pin is permanently high, then the addressed MC145004’s internal counter latches the data to be displayed after 128 data bits have been received. Otherwise the control of this latch function may be overridden by holding the ENB line low until the new data is required to be displayed, then a high pulse should be sent on the ENB line. The high pulse must be sent during DCLK high (clock idle). To end communication with an MC145004, a stop condition should be set up on the bus (or another start condition may be set up if another communication is desired). Note that the communication channel to an addressed device may be left open after the 128 data bits have been sent by not setting up a stop or a start condition. In such a case the rising DCLK edge which comes after all 128 data bits have been sent and after the last acknowledge–related clock pulse has been made is ignored; data continues to be received on the following DCLK high. The latch function continues to work as normal (i.e., data is latched either after each block of 128 data bits has been re- ceived or under external control as required). At any time during data transmission, the transfer may be interrupted with a stop condition. Data transmission may be resumed with a start condition and resending the address. CASCADED OPERATION The master device supplies the oscillator input via its OSC2 pin to the slave devices via their OSC2 pin(s). It sends a frame sync pulse via its FS pin to the slaves via their FS pins at the beginning of every BP1 valid time. In Figure 9, the ENB pins are tied together and used as a chip enable to latch the new data — the ENB pins could have been tied to VDD if it were de- sirable to use the internal data bit counter to latch the new data. The four backplane inputs may come from the master only, with the slave backplanes being left open, as shown in Figure 6, or if more drive is required, then the slaves’ backplanes may be connected to the corresponding backplanes of the master. Example: at room temperature, with a drive frequency of 30 Hz, around four to five MC145003/MC145004s may be used in a system where only the master’s backplanes are con- nected to the LCD. For applications with heavier loads (e.g., large liquid crystals) or high drive frequencies or at high tem- peratures, the dc voltage component seen by the LCD may be kept to a minimum by connecting the corresponding back- planes of all participating MC145003/MC145004s together. |
同様の部品番号 - MC145004 |
|
同様の説明 - MC145004 |